Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT213G-S28-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT213G-S28-R
Description  POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT213G-S28-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT213G-S28-R Datasheet HTML 1Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 2Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 3Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 4Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 5Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 6Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 7Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UT213
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R103-144.a
BLOCK DIAGRAM
SHUTDOWN
5kΩ
5kΩ
5kΩ
5kΩ
5kΩ
T1IN
T2IN
T3IN
T1OUT
T2OUT
T3OUT
EN
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
R1IN
R2IN
R2IN
R4IN
R5IN
T1
T2
T3
R1
R2
R3
R4
R5
T4IN
T4OUT
T4
SHDN
400kΩ
+5V
400kΩ
+5V
400kΩ
+5V
400kΩ
+5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com