Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT213G-S28-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT213G-S28-R
Description  POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT213G-S28-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT213G-S28-R Datasheet HTML 1Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 2Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 3Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 4Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 5Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 6Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 7Page - Unisonic Technologies UT213G-S28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT213
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-144.a
+3.0V TO +5.5V POWER SUPPLY,
120KBPS, MULTICHANNAEL
RS-232 LINE
DRIVERS/RECEIVERS
DESCRIPTION
The UTC UT213 consists of 4 drivers and 5 receivers. It meets
ElA/TIA-232 and V.28/V.24 specifications, it intended for notebook
computer applications. A high-efficiency, dual charge-pumps power supply
and a low-dropout transmitter combine to deliver true RS-232 performance
from a single +3.0V~+5.5V power supply. A guaranteed data rate of
250kbps provides compatibility with popular software for communicating
with PCs.
The UTC UT213 has an active-low shutdown and an active-high
receiver enable control. Two receivers of the UTC 213 are active, allowing
the ring indicator(RI)to be monitored easily using only 75uW power.
The UTC UT213 requires only 0.1µF capacitors in 3.3V operation, and
can operate from input voltages ranging from +3.0V ~+5.5V. It is ideal for
3.3V-only systems, 5.0V-only systems, or mixed 3.3V and 5.0V systems
that require true RS-232 performance.
FEATURES
* Operates With 3.0V~5.5V Power Supply
* Four Drivers and Five Receivers
* Operates Up To 120 kbps
* Designed to Transmit at a Data Rate of 120 kbps
* Low Standby Current (15µA Typical)
* External Capacitors (4*0.1µF)
* Accepts 5.0V Logic Input With 3.3V Supply
* Serial-Mouse Drivability
* Exceeds ±8KV ESD Protection(HBM) for RS-232 I/O Pins
SOP-28
SSOP-28
ORDERING INFORMATION
Ordering Number
Package
Packing
UT213G-S28-R
SOP-28
Tape Reel
UT213G-R28-R
SSOP-28
Tape Reel
(1) R: Tape Reel
(2) S28: SOP-28, R28: SSOP-28
(3) G: Halogen Free and Lead Free
UT213G-S28-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - UT213G-S28-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT21314V-TS ETC1-UT21314V-TS Datasheet
37Kb / 1P
4-Fold Common Mode Choke
More results

Similar Description - UT213G-S28-R

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com