Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC809L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC809L
Description  Dual Voltage Supervisor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809L Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC809L Datasheet HTML 1Page - Micrel Semiconductor MIC809L Datasheet HTML 2Page - Micrel Semiconductor MIC809L Datasheet HTML 3Page - Micrel Semiconductor MIC809L Datasheet HTML 4Page - Micrel Semiconductor MIC809L Datasheet HTML 5Page - Micrel Semiconductor MIC809L Datasheet HTML 6Page - Micrel Semiconductor MIC809L Datasheet HTML 7Page - Micrel Semiconductor MIC809L Datasheet HTML 8Page - Micrel Semiconductor MIC809L Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel
MIC2772
Pin Description
Pin Number
Pin Name
Pin Function
1
/MR1
Digital Input; supervisor 1. Driving this pin low initiates an immediate and
unconditional reset. If VCC1 is above the threshold when /MR1 is released
(returns high), RESET1 will be de-asserted no less than tRESET1 later. /MR1 may
be driven by a CMOS or TTL logic signal or a mechanical switch. De-bouncing
is performed internally. /MR1 has an internal pull-up to VCC1; leave open if
unused.
2
GND1
Ground return for supervisor 1.
3
/MR2
Digital Input; supervisor 2. Driving this pin low initiates an immediate and
unconditional reset. If VCC2 is above the threshold when /MR2 is released
(returns high), the /RESET2 will be de-asserted no less than tRESET2 later. /MR2
may be driven by a CMOS or TTL logic signal or a mechanical switch. De-
bouncing is performed internally. /MR2 has an internal pull-up to VCC2; leave
open if unused.
4
GND2
Ground return for supervisor 2.
5
/RESET2
Digital Output; open-drain; supervisor 2. Asserted low whenever VCC2 falls
below the threshold voltage. It remains asserted for no less than tRESET2 and is
de-asserted after VCC2 returns above the threshold.
6
VCC2
Analog Input. Power supply input for supervisor 2.
7
/RESET1
Digital Output; open-drain; supervisor 1. Asserted low whenever VCC1 falls
below the threshold voltage. It remains asserted for no less than tRESET1 and is
de-asserted after VCC1 returns above the threshold.
8
VCC1
Analog Input. Power supply input for supervisor 1.
April 2005
3
M9999-042605
(408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com