Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC809L Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC809L
Description  Dual Voltage Supervisor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809L Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC809L Datasheet HTML 1Page - Micrel Semiconductor MIC809L Datasheet HTML 2Page - Micrel Semiconductor MIC809L Datasheet HTML 3Page - Micrel Semiconductor MIC809L Datasheet HTML 4Page - Micrel Semiconductor MIC809L Datasheet HTML 5Page - Micrel Semiconductor MIC809L Datasheet HTML 6Page - Micrel Semiconductor MIC809L Datasheet HTML 7Page - Micrel Semiconductor MIC809L Datasheet HTML 8Page - Micrel Semiconductor MIC809L Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel
MIC2772
Absolute Maximum Ratings(1)
Supply Voltage, VCC...............................-0.3V to 6.0V
Input Voltage, /MR ....................... -0.3V to VCC + 0.3V
Input Voltage, /RESET ..........................-0.3V to 6.0V
Input Current (VCC, /MR) ................................. 20mA
Output Current (/RESET) ................................ 20mA
Storage Temperature....................... -65
°C to +150°C
ESD Rating (Note 3) .............................................3kV
Operating Ratings(2)
Supply Voltage...........................................1V to 5.5V
Input Voltage (/MR )..................................... 0 to 5.5V
Input Voltage (/RESET ) ............................ 0 to +5.5V
Operating Temperature Range (TA).... -40
°C to +85°C
Lead Temperature – Soldering, 10s .................300°C
Package Thermal Resistance (
θ
JA) ................ 93°C/W
Electrical Characteristics
For typical values, TA = 25°C, 2.5V ≤ VCCn ≤ 5.5V; values in bold are for 2.5V ≤ VCCn ≤ 5.5V, TMIN ≤ TA ≤ TMAX,
unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
IDD
Supply Current
/MR1 = /MR2 = /RESET1 = /RESET2 =
open, VCC1 = VCC2 = 5.5V
10
30
µA
/MR1 = /MR2 = /RESET1 = /RESET2 =
open, VCC1 = VCC2 = 3.6V
10
20
µA
/MR1 = /MR2 = /RESET1 = /RESET2 =
open, VCCn = 0V, VCCm = 5.5V
5
15
µA
/MR1 = /MR2 = /RESET1 = /RESET2 =
open, VCCn = 0V, VCCm = 3.6V
5
10
µA
/RESETn OUTPUTS
L voltage code
4.5
4.63
4.75
V
M voltage code
4.25
4.38
4.50
V
S voltage code
2.85
2.93
3.00
V
VTHn
Reset-voltage threshold
T voltage code
3.00
3.08
3.15
V
timeout code = 2
20
44
ms
timeout code = 3
140
320
tRESET
Reset Pulse Width
timeout code = 4
1100
2500
VCCn ≥ 4.25V, ISINK = 3.2mA
0.4
V
VCCn ≥ 2.5V, ISINK = 1.2mA
0.3
V
VOL
/RESET Output Voltage Low
VCCn ≥ 1V, ISINK = 50µA
0.3
V
ILEAK
Output leakage
/RESET not asserted
±1
µA
/MRn INPUTS
VIH
Input Voltage, High
VTHn > 4.0V
2.3
V
VTHn < 4.0V
0.7*V
CC
V
VIL
Input Voltage, Low
VTHn > 4.0V
0.8
V
VTHn < 4.0V
0.25*
VCC
V
April 2005
4
M9999-042605
(408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com