Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS324 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS324 Datasheet(HTML) 1 Page - Diodes Incorporated

  AS324 Datasheet HTML 1Page - Diodes Incorporated AS324 Datasheet HTML 2Page - Diodes Incorporated AS324 Datasheet HTML 3Page - Diodes Incorporated AS324 Datasheet HTML 4Page - Diodes Incorporated AS324 Datasheet HTML 5Page - Diodes Incorporated AS324 Datasheet HTML 6Page - Diodes Incorporated AS324 Datasheet HTML 7Page - Diodes Incorporated AS324 Datasheet HTML 8Page - Diodes Incorporated AS324 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS324/324A
Document number: DS36827 Rev. 3 - 2
1 of 14
www.diodes.com
May 2018
© Diodes Incorporated
AS324/324A
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Description
The AS324/324A consist of four independent, high gain and internally
frequency compensated operational amplifiers. They are specifically
designed to operate from a single power supply. Operation from split
power supplies is also possible and the low power supply current
drain is independent of the magnitude of the power supply voltage.
Typical applications include transducer amplifiers, DC gain blocks and
most conventional operational amplifier circuits.
The AS324/324A series are compatible with industry standard 324.
The AS324A has more stringent input offset voltage than AS324.
The AS324 is available in SO-14 and TSSOP-14 packages, and the
AS324A is available in SO-14 package.
Features
Internally Frequency Compensated for Unity Gain
Large Voltage Gain: 100dB (Typical)
Low Input Bias Current: 20nA (Typical)
Low Input Offset Voltage: 2mV (Typical)
Low Supply Current: 0.5mA (Typical)
Wide Power Supply Voltage Range:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
Input Common Mode Voltage Range Includes Ground
Large Output Voltage Swing: 0V to VCC -1.5V
Power Drain Suitable for Battery Operation
Lead-Free Packages: SO-14, TSSOP-14
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
Lead-Fre
e Packages, Available in “Green” Molding Compound:
SO-14, TSSOP-14
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SO-14/TSSOP-14
Applications
Battery Charger
Cordless Telephone
Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
INPUT 1-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
INPUT 1+
INPUT 2-
INPUT 2+
OUTPUT 1
OUTPUT 2
VCC
OUTPUT 4
INPUT 4-
INPUT 4+
GND
INPUT 3+
INPUT 3-
OUTPUT 3


Similar Part No. - AS324

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324 BCDSEMI-AS324 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324 BCDSEMI-AS324 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324 BCDSEMI-AS324 Datasheet
808Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324A BCDSEMI-AS324A Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - AS324

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com