Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS324 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AS324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS324 Datasheet(HTML) 3 Page - Diodes Incorporated

  AS324 Datasheet HTML 1Page - Diodes Incorporated AS324 Datasheet HTML 2Page - Diodes Incorporated AS324 Datasheet HTML 3Page - Diodes Incorporated AS324 Datasheet HTML 4Page - Diodes Incorporated AS324 Datasheet HTML 5Page - Diodes Incorporated AS324 Datasheet HTML 6Page - Diodes Incorporated AS324 Datasheet HTML 7Page - Diodes Incorporated AS324 Datasheet HTML 8Page - Diodes Incorporated AS324 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AS324/324A
Document number: DS36827 Rev. 3 - 2
3 of 14
www.diodes.com
May 2018
© Diodes Incorporated
AS324/324A
Typical Applications Circuit (Cont.)
Fixed Current Sources
AC Coupled Non-Inverting Amplifier
Pulse Generator
DC Coupled Low-Pass RC Active Filter
VCC
R4
3k
R3
2k
+
-
2V
+
-
2V
I1
I2
1mA
1/4 AS324/A
R1
2k
R2
-
+
R4 100k
VCC
R3
1M
R1 100k
R2 1M
C1
0.1
F
CIN
R5
100k
CO
VO
1/4 AS324/A
RL
10k
C2
10
F
AV=1+R2/R1
AV=11 (As shown)
-
+
AC
RB
6.2k
R5 100k
R3 100k
R4
100k
R2 100k
R1
1M
VO
VCC
1/4 AS324/A
0.001
F
-
+
VO
R2 16k
R1 16k
VIN
R3
100k
1/4 AS324/A
R4
100k
C2
0.01
F
C1 0.01
F
fO
VO
0
fO=1kHz
Q=1
AV=2
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com