Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS358 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS358 Datasheet(HTML) 5 Page - Diodes Incorporated

  AS358 Datasheet HTML 1Page - Diodes Incorporated AS358 Datasheet HTML 2Page - Diodes Incorporated AS358 Datasheet HTML 3Page - Diodes Incorporated AS358 Datasheet HTML 4Page - Diodes Incorporated AS358 Datasheet HTML 5Page - Diodes Incorporated AS358 Datasheet HTML 6Page - Diodes Incorporated AS358 Datasheet HTML 7Page - Diodes Incorporated AS358 Datasheet HTML 8Page - Diodes Incorporated AS358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AS358/358A/358B
Document number: DS36834 Rev. 6 - 2
5 of 19
www.diodes.com
May 2018
© Diodes Incorporated
AS358/358A/358B
Electrical Characteristics (Limits in standard typeface are for TA = +25°C, bold typeface applies over -40°C to +85°C (Note 6), VCC
= 5V, GND = 0V, unless otherwise specified.)
Notes:
6. Limits over the full temperature are guaranteed by design, but not tested in production.
7. The input common-mode voltage of either input signal voltage should not be allowed to go negatively by more than 0.3V (at +25°C). The upper end of the
common-mode voltage range is VCC-1.5V (at +25°C), but either or both inputs can go to +36V without damages, independent of the magnitude of the
VCC。
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIO
Input Offset Voltage
VO = 1.4V, RS = 0Ω,
VCC = 5V to 30V
AS358
—
2
5
mV
—
—
7
AS358A
—
2
3
—
—
5
AS358B
—
—
2
—
—
4
∆VIO/∆T
Average Temperature Coefficient of Input
Offset Voltage
TA = -40°C to +85°C
—
7
—
µV/°C
IBIAS
Input Bias Current
IIN+ or IIN-, VCM = 0V
—
20
200
nA
—
—
200
IIO
Input Offset Current
IIN+ - IIN-, VCM = 0V
—
5
30
nA
—
—
100
VIR
Input Common Mode Voltage Range (Note 7)
VCC = 30V
0
—
VCC-
1.5
V
ICC
Supply Current
TA = -40°C to +85°C, RL = ∞,
VCC = 30V
—
0.7
2
mA
TA = -40°C to +85°C, RL = ∞, VCC =
5V
—
0.5
1.2
GV
Large Signal Voltage Gain
VCC = 15V, VO = 1V to 11V, RL ≥ 2kΩ
85
100
—
dB
80
—
—
CMRR
Common Mode Rejection Ratio
DC, VCM = 0V to (VCC-1.5)V
60
70
—
dB
60
—
—
PSRR
Power Supply Rejection Ratio
VCC = 5V to 30V
70
100
—
dB
60
—
—
CS
Channel Separation
f = 1kHz to 20kHz
—
-120
—
dB
ISOURCE
Output Current
Source
VIN+ = 1V, VIN- = 0V, VCC = 15V,
VO = 2V
20
40
—
mA
20
—
—
ISINK
Sink
VIN+ = 0V, VIN- = 1V, VCC = 15V,
VO = 2V
10
15
—
mA
5
—
—
VIN+ = 0V, VIN- = 1V, VCC = 15V,
VO = 0.2V
12
50
—
µA
ISC
Output Short Circuit Current to Ground
VCC = 15V
—
40
60
mA
VOH
Output Voltage Swing
VCC = 30V, RL = 2kΩ
26
—
—
V
26
—
—
VCC = 30V, RL = 10kΩ
27
28
—
27
—
—
VOL
VCC = 5V, RL = 10kΩ
—
5
20
mV
—
—
30
θJC
Thermal Resistance (Junction to Case)
SO-8
—
17
—
°C/W
TSSOP-8
47
MSOP-8
22
θJA
Thermal Resistance (Junction to Ambient)
SO-8
—
115
—
TSSOP-8
209
MSOP-8
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com