Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS358 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AS358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS358 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AS358 Datasheet HTML 4Page - Diodes Incorporated AS358 Datasheet HTML 5Page - Diodes Incorporated AS358 Datasheet HTML 6Page - Diodes Incorporated AS358 Datasheet HTML 7Page - Diodes Incorporated AS358 Datasheet HTML 8Page - Diodes Incorporated AS358 Datasheet HTML 9Page - Diodes Incorporated AS358 Datasheet HTML 10Page - Diodes Incorporated AS358 Datasheet HTML 11Page - Diodes Incorporated AS358 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AS358/358A/358B
Document number: DS36834 Rev. 6 - 2
8 of 19
www.diodes.com
May 2018
© Diodes Incorporated
AS358/358A/358B
Ordering Information
AS358X XX XX - XX
Packing
Package
TR : Tape & Reel
A : AS358A
Blank : AS358
Product Name
Blank : Tube
Product Version
G : TSSOP-8
M : SO-8
P : PDIP-8
E1/G1
E1 : RoHS Compliant
G1 : RoHS Compliant
and Green
PT : TDIP-8
MM : MSOP-8
B : AS358B
Part Number
Package
(Note 9)
Temperature
Range
RoHS
Compliant
Lead Free /
Green
Marking ID
Packing
Status
(Note 8)
Alternative
AS358M-E1
SO-8
-40°C to +85°C
Lead Free
AS358M-E1
100/Tube
End of Life
AS358MTR-
G1
AS358M-G1
Green
AS358M-G1
AS358MTR-E1
Lead Free
AS358M-E1
4000/Tape
& Reel
NRND
AS358MTR-
G1
AS358MTR-G1
Green
AS358M-G1
In Production
—
AS358AM-E1
Lead Free
AS358AM-E1
100/Tube
End of Life
AS358AMTR-
G1
AS358AM-G1
Green
AS358AM-G1
AS358AMTR-E1
Lead Free
AS358AM-E1
4000/Tape
& Reel
NRND
AS358AMTR-
G1
AS358AMTR-G1
Green
AS358AM-G1
In Production
—
AS358P-E1
PDIP-8
-40°C to +85°C
Lead Free
AS358P-E1
50/Tube
In Production
—
AS358P-G1
Green
AS358P-G1
In Production
—
AS358AP-E1
Lead Free
AS358AP-E1
In Production
—
AS358AP-G1
Green
AS358AP-G1
End of Life
—
AS358PT-G1
TDIP-8
-40°C to +85°C
Green
AS358PT-G1
50/Tube
In Production
—
AS358GTR-E1
TSSOP-8
-40°C to +85°C
Lead Free
EG3A
4000/Tape
& Reel
NRND
AS358GTR-
G1
AS358GTR-G1
Green
GG3A
In Production
—
AS358BGTR-G1
Green
GG3F
In Production
—
AS358MMTR-E1
MSOP-8
-40°C to +85°C
Lead Free
AS358MM-E1
3000/Tape
& Reel
End of Life
AS358MMTR-
G1
AS358MMTR-G1
Green
AS358MM-G1
In Production
—
Notes:
8. NRND: Not Recommended for New Design
9. For packaging details, go to our website at: https://www.diodes.com/design/support/packaging/diodes-packaging/.
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com