Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C6800L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C6800L
Description  2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C6800L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C6800L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C6800L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C6800L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C6800L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C6800L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8191D
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
PI3C6800
2.5V/3.3V,2-Port,10-BitBusSwitchwith
PrechargedOutputsforLiveInsertion
3.3VSwitchingCharacteristics (OverRecommendedOperatingFree-airTemperatureRange,CL=50pF)
Note:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on
state resistance of the switch and a load capacitance of 50pF, when driven by an ideal voltage source (zero output impedance).
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T)t
u
p
n
I
(
m
o
r
F)t
u
p
t
u
O
(
o
T.
n
i
M.
x
a
Ms
ti
n
U
t D
P
)
1
(
B
r
o
AA
r
o
B5
2
.
0
s
n
t H
Z
P
D
N
G
=
V
S
A
I
B
N
OB
r
o
A
5
.
15
.
6
t L
Z
P
V
3
=
V
S
A
I
B5
.
15
.
6
t Z
H
P
D
N
G
=
V
S
A
I
B
N
OB
r
o
A
5
.
15
.
5
t Z
L
P
V
3
=
V
S
A
I
B5
.
15
.
5
2.5VSwitchingCharacteristics (OverRecommendedOperatingFree-airTemperatureRange,CL=50pF)
4.0
2.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
VIN, (V)
VCC = 3.3V
3.1V
2.9V
2.7V
2.5V
2.3V
3.6V
3.8V
3.4V
3.2V
3.0V
2.8V
Output Voltage vs. Input Voltage over Various Supply Voltages
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T)t
u
p
n
I
(
m
o
r
F)t
u
p
t
u
O
(
o
T.
n
i
M.
x
a
Ms
ti
n
U
t D
P
)
1
(
B
r
o
AA
r
o
B5
2
.
0
s
n
t H
Z
P
D
N
G
=
V
S
A
I
B
N
OB
r
o
A
5
.
18
.
9
t L
Z
P
V
3
=
V
S
A
I
B5
.
18
.
9
t Z
H
P
D
N
G
=
V
S
A
I
B
N
OB
r
o
A
5
.
13
.
8
t Z
L
P
V
3
=
V
S
A
I
B5
.
13
.
8
Output Voltage vs. Input Voltage over Various Supply Voltages



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com