Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C6800L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C6800L
Description  2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C6800L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C6800L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C6800L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C6800L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C6800L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C6800L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8191D
05/03/00
ProductDescription
PericomSemiconductor’sPI3Cseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI3C6800 is a 10-bit bus switch with low on-state resistance.
Thebusswitchcreatesnoadditionalpropagationdelay.Tominimize
live-insertion noise, the device also precharges the B port to a user-
selectable bias voltage (BIASV).
The switch is turned on by a single enable (ON) input. When ON
is LOW, the switch is on and port A is connnected to port B. When
ON is HIGH, the switch between port A and port B is open and
the B port is precharged to BIASV through the equivalent of a
10-kΩresistor.
VCC
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
BIASV
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ON
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
ProductPinConfiguration
Function
ON
B1 - B10
Connect
L
A1 - A10
Precharge
H
BIASV
TruthTable(1)
Note:
1. H = High Voltage Level
L =LowVoltageLevel
LogicDiagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3C6800
2.5V/3.3V, 2-Port, 10-Bit Bus Switch
with Precharged Outputs
for Live Insertion
ProductFeatures
• Near zero propagation delay
•5Ω switch connection between two ports
• HighBandwidth(>400MHz)
• Rail-to-Rail 3.3Vor2.5VSwitching
• Outputs are precharged by bias voltage to
minimize signal distortion during live insertion
• 5V I/O Tolerant
• 2.5V Supply Voltage Operation
• Package options:
– 24-pin 150 mil wide plastic QSOP (Q)
–24-pin173milwideTSSOP(L)
24-Pin
L,Q
ON
A10
A1
13
23
14
B1
B10


Similar Part No. - PI3C6800L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210A PERICOM-PI3C16210A Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210K PERICOM-PI3C16210K Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
PI3C16211A PERICOM-PI3C16211A Datasheet
398Kb / 4P
3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
More results

Similar Description - PI3C6800L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI3B32160 PERICOM-PI3B32160 Datasheet
296Kb / 4P
3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com