Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C41202LE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C41202LE
Description  LVCMOS to LVPECL Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C41202LE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C41202LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8626D
05/11/05
PI6C4120x
LVCMOS to LVPECL Driver
Table 4b. LVCMOS/LVTTL DC Characteristics, (VCC = 3.3V ± 5%, TA = 0°C to +70°C)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
1
K
L
C
,
0
K
L
C2
5
6
7
.
3
V
N
E
_
K
L
C
L
E
S
_
K
L
C
25
6
7
.
3
V L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
1
K
L
C
,
0
K
L
C3
.
0
—8
.
0
N
E
_
K
L
C
L
E
S
_
K
L
C
3
.
0
—8
.
0
I H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
1
K
L
C
,
0
K
L
C
L
E
S
_
K
L
C
V N
I
=V C
C
V
5
6
4
.
3
=0
5
1
μA
N
E
_
K
L
CV N
I
=V C
C
V
5
6
4
.
3
=5
I L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
1
K
L
C
,
0
K
L
C
L
E
S
_
K
L
C
V N
I
,
V
0
=V C
C
V
5
6
4
.
3
=5
—
N
E
_
K
L
CV N
I
,
V
0
=V C
C
V
5
6
4
.
3
=0
5
1
—
Storage Temperature ................................................................... –65°C to +150°C
Ambient Temperature with Power Applied .................................. –40°C to +85°C
Supply Voltage, VCC .................................................................................................. +4.6V
Input/Output Voltage ........................................................... –0.5V to VCC + 0.5V
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V C
C
e
g
a
t
l
o
V
y
l
p
p
u
S5
3
1
.
33
.
35
6
4
.
3V
I E
E
t
n
e
r
r
u
C
y
l
p
p
u
S0
5A
m
TA
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
0
7C
°
Table 4a. Operating Conditions (Commercial)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com