Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C41202LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C41202LE
Description  LVCMOS to LVPECL Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C41202LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C41202LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C41202LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8626D
05/11/05
PI6C4120x
LVCMOS to LVPECL Driver
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
5
,
1e
e
Vr
e
w
o
P.
d
n
u
o
r
G
2N
E
_
K
L
Ct
u
p
n
Ip
u
l
l
u
P
k
c
o
l
c
w
o
l
l
o
f
s
t
u
p
t
u
o
k
c
o
l
c
,
H
G
I
H
n
e
h
W
.
e
l
b
a
n
e
k
c
o
l
c
g
n
i
z
i
n
o
r
h
c
n
y
S
L
T
T
V
L
r
o
S
O
M
C
V
L
.
h
g
i
h
e
r
a
Q
n
,
w
o
l
e
r
a
Q
,
W
O
L
n
e
h
W
.
t
u
p
n
i
.l
e
v
e
l
t
u
p
n
i
3L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
l
l
u
P
r
o
S
O
M
C
V
L
1
K
L
C
=
H
G
I
H
,
0
K
L
C
=
W
O
L
:
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.l
e
v
e
l
t
u
p
n
i
L
T
T
V
L
40
K
L
Ct
u
p
n
In
w
o
d
l
l
u
P.
t
u
p
n
i
k
c
o
l
c
L
T
T
V
L
r
o
S
O
M
C
V
L
61
K
L
Ct
u
p
n
In
w
o
d
l
l
u
P.l
e
v
e
l
t
u
p
n
i
L
T
T
V
L
r
o
S
O
M
C
V
L
4
1
,
8
,
7c
c
Vr
e
w
o
Py
l
p
p
u
s
V
3
.
3
0
1
,
91
Q
,
1
Q
nt
u
p
t
u
O.
r
i
a
p
t
u
p
t
u
o
L
C
E
P
V
L
3
1
,
2
10
Q
,
0
Q
nt
u
p
t
u
O.
r
i
a
p
t
u
p
t
u
o
L
C
E
P
V
L
Table 1c. Pin Description for PI6C41202
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
C N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
,
0
K
L
C
1
K
L
C
2
.
3
F
p
N
E
_
K
L
C
L
E
S
_
K
L
C
7
.
2
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
l
l
u
P
t
u
p
n
I0
8
m
h
o
K
R
N
W
O
D
L
L
U
P
n
w
o
d
l
l
u
P
t
u
p
n
I
r
o
t
s
i
s
e
R
0
8
Table 2. Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com