Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C41204LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C41204LE
Description  LVCMOS to LVPECL Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C41204LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C41204LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8626D
05/11/05
PI6C4120x
LVCMOS to LVPECL Driver
s
t
u
p
n
Is
t
u
p
t
u
O
N
E
_
K
L
CL
E
S
_
K
L
Ce
c
r
u
o
S
d
e
t
c
e
l
e
S*
3
Q
u
r
h
t
0
Q*
3
Q
n
u
r
h
t
0
Q
n
00
0
K
L
CW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
01
1
K
L
CW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
10
0
K
L
Cd
e
l
b
a
n
Ed
e
l
b
a
n
E
11
1
K
L
Cd
e
l
b
a
n
Ed
e
l
b
a
n
E
Table 3a. Control Input Function Table
After CLK_EN switches, the clock outputs are disabled or enabled following
a rising and falling input clock edge as shown in figure1. In the active mode, the state
of the outputs are a function of the CLK0 and CLK1 inputs as described in Table 3b.
Disabled
Enabled
CLK0, CLK1
CLK_EN
nQ0 - nQ3*
Q0 - Q3*
Figure 1. CLK_EN Timing Diagram
Table 3b. Clock Input Function Table
s
t
u
p
n
Is
t
u
p
t
u
O
1
K
L
C
r
o
0
K
L
C*
3
Q
u
r
h
t
0
Q*
3
Q
n
u
r
h
t
0
Q
n
0W
O
LH
G
I
H
1H
G
I
HW
O
L
Note:
*PI6C41204 and PI6C41204A have four differential outputs. Q0 through Q3 and nQ0 through nQ3.
PI6C41202 has two differential outputs. Q0 through Q1 and nQ0 through nQ1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com