Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C41204LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C41204LE
Description  LVCMOS to LVPECL Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C41204LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C41204LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C41204LE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8626D
05/11/05
PI6C4120x
LVCMOS to LVPECL Driver
Table 5. AC Characteristics, (V CC = 3.3V ± 5%, TA = 0°C to +70°C (Note 3)
Notes:
3. All parameters measured at 266MHz unless noted otherwise. The part does not add jitter.
4. Measured from the VDD/2 point of the input to the differential output crossing point.
5. Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output crossing points differential.
6. Defined as skew between outputs on different devices operating at the same supply voltages and
with equal load conditions. Measured at the output crossing points differential.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
M
6
6
2z
H
M
t
H
L
P
:
h
g
i
H
o
t
w
o
L
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
4
e
t
o
N
V C
C
V
o
t
X
O
0
.
19
.
1
s
n
t
L
H
P
:
w
o
L
o
t
h
g
i
H
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
4
e
t
o
N
V C
C
V
o
t
X
O
0
.
19
.
1
)
o
(
s
t5
e
t
o
N
:
w
e
k
S
t
u
p
t
u
O1
10
3
s
p
)
p
p
(
k
s
t6
e
t
o
N
:
w
e
k
S
t
r
a
P
o
t
t
r
a
P
0
5
1
t C
D
e
l
c
y
C
y
t
u
D
t
u
p
t
u
O8
40
52
5%
t /rtf
e
m
i
t
l
l
a
F
/
e
s
i
R
t
u
p
t
u
O
%
0
8
o
t
%
0
2
0
0
10
0
4s
p
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O1
e
t
o
NV C
C
4
.
1
-V C
C
0
.
1
-
V
V L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O1
e
t
o
NV C
C
0
.
2
-V C
C
7
.
1
-
V
G
N
I
W
S
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
g
n
i
w
S
e
g
a
t
l
o
V
6
.
05
8
.
0
Table 4c. LVPECL DC Characteristics (V CC = 3.3V ± 5%, TA = 0°C to +70°C)
Note:
1. Outputs terminated with 50ohm to VCC - 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com