Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2014N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC2014N
Description  60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2014N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC2014N Datasheet HTML 1Page - IXYS Corporation CPC2014N Datasheet HTML 2Page - IXYS Corporation CPC2014N Datasheet HTML 3Page - IXYS Corporation CPC2014N Datasheet HTML 4Page - IXYS Corporation CPC2014N Datasheet HTML 5Page - IXYS Corporation CPC2014N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
CPC2014N
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted)*
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-20
0
20
40
60
80
100
Temperature (ºC)
I
F=5mA
I
F=10mA
Typical Turn-On Time vs. Temperature
(I
L=80mA)
-40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
Typical Turn-Off Time vs. Temperature
(I
L=80mA)
Temperature (ºC)
I
F=5mA
I
F=10mA
-40
0.9
0.8
0.7
0.6
0.5
0.4
0.3
-20
0
20
40
60
80
100
Steady State
Temperature (ºC)
I
F=5mA
I
F=10mA
Typical On-Resistance vs. Temperature
(I
L=200mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.16
0.20
0.24
0.28
0.32
0.36
Typical I
F for Switch Operation
vs. Temperature
(I
L=200mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.28
Typical I
F for Switch Dropout
vs. Temperature
(I
L=200mA)
0.36
0.24
0.20
0.16
0.32
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-500
-400
-300
-200
-100
0
100
200
300
400
500
Typical Load Current vs. Load Voltage
with One Pole Operating
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
Maximum Load Current vs. Temperature
with One Pole Operating
(I
F=2mA)
-40
72
70
68
66
64
62
60
58
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 5&6 and 7&8
(V
L=60V)
Temperature (ºC)
Load Voltage (V)
0
10
2030
4050
0
25
50
75
100
125
150
175
200
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
100
200
300
400
500
600
700
800
900
1000
1100
Energy Rating Curve
(I
F=2mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com