Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2014N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC2014N
Description  60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2014N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC2014N Datasheet HTML 1Page - IXYS Corporation CPC2014N Datasheet HTML 2Page - IXYS Corporation CPC2014N Datasheet HTML 3Page - IXYS Corporation CPC2014N Datasheet HTML 4Page - IXYS Corporation CPC2014N Datasheet HTML 5Page - IXYS Corporation CPC2014N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC2014N-R04
1
CPC2014N
60V Dual Normally-Open Single-Pole
8-Pin SOIC OptoMOS® Relay
Part #
Description
CPC2014N
8-Pin SOIC (50/tube)
CPC2014NTR
8-Pin SOIC (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
400
mA
rms / mADC
On-Resistance (max)
2
LED Current to operate
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Designed for use in Security Systems Complying
with EN50130-4
• 1500V
rms Input/Output Isolation
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• Wave Solderable
• Tape & Reel Version Available
• Small 8-Pin SOIC Package
The CPC2014N is a miniature device with two
independent normally-open (1-Form-A) solid state
relays in an 8-pin SOIC package that employs
optically coupled MOSFET technology to provide
1500V
rms of input to output isolation.
Optically coupled outputs that use the patented
OptoMOS architecture are controlled by a highly
efficient infrared LED.
The CPC2014N uses IXYS Integrated Circuits
Division’s state of the art, double-molded vertical
construction packaging to produce one of the world’s
smallest relays. The CPC2014N offers substantial
board space savings over the competitor’s larger 8-pin
SOIC relay.
Switching Characteristics
of Normally-Open (Form A) Devices
Approvals
• UL Recognized Component: File E76270
• CSA Approval Pending
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
+ Control
– Control
Load
Load
1
2
3
4
7
8
5
6
+ Control
– Control
Load
Load


Similar Part No. - CPC2014N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
CPC2014NTR CLARE-CPC2014NTR Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
More results

Similar Description - CPC2014N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC1907B IXYS-CPC1907B Datasheet
113Kb / 6P
Single-Pole, Normally Open Power SOIC OptoMOS Relay
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
OAA160 IXYS-OAA160 Datasheet
172Kb / 7P
250V Dual Normally-Open Single-Pole 8-Pin OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com