Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSABBC2R8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSABBC2R8
Description  Blue PLCC4 Surface Mount LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSABBC2R8 Datasheet(HTML) 2 Page - TT Electronics.

  OVSABBC2R8 Datasheet HTML 1Page - TT Electronics. OVSABBC2R8 Datasheet HTML 2Page - TT Electronics. OVSABBC2R8 Datasheet HTML 3Page - TT Electronics. OVSABBC2R8 Datasheet HTML 4Page - TT Electronics. OVSABBC2R8 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue 1.1
0705
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Blue PLCC4 Surface Mount LED
OVSABBC2R8
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Junction Temperature
110°C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, PW
”  —VHF
100 mA
Power Dissipation
140 mW
Junction/Ambient1
350°C/W
Junction/Solder Point
200°C/W
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
140
200
----
mcd
IF =30mA
VF
Forward Voltage
----
3.9
4.6
V
IF =30mA
IR
Reverse Current
----
----
10
µA
VR = 5V
D
Dominant Wavelength
460
470
480
nm
IF =30mA
2 ½
50% Power Angle
----
120
----
deg
IF =30mA
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
Standard Bins (IF = 30mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVSABBC2R8 may be filled with any or all bins contained as below.
Note:
1.
Rth test condition: Mounted on PC board FR 4 (pad size
2)
355
280
T1
224
S2
180
S1
140
R2
Dominant Wavelength (nm)
460
480
470
465
475
X3
X5
X4
X6
Luminous intensity is at
R2 bin or above.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com