Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSABBC2R8 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVSABBC2R8
Description  Blue PLCC4 Surface Mount LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSABBC2R8 Datasheet(HTML) 3 Page - TT Electronics.

  OVSABBC2R8 Datasheet HTML 1Page - TT Electronics. OVSABBC2R8 Datasheet HTML 2Page - TT Electronics. OVSABBC2R8 Datasheet HTML 3Page - TT Electronics. OVSABBC2R8 Datasheet HTML 4Page - TT Electronics. OVSABBC2R8 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Issue 1.1
0705
Page 3
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Blue PLCC4 Surface Mount LED
OVSABBC2R8
Typical Electro-Optical Characteristics Curves
Forward Current vs. Forward Voltage
Relative Luminous Intensity vs. Forward Current
mA
nm
Relative Luminous Intensity vs. Wavelength
Maximum Forward DC Current vs. Ambient
Temperature
Reverse Current vs. Reverse Voltage
V
mA
%
Half Power WL = 28nm
°C
mA
Rth j-s=200°C/W
Rth j-a=350°C/W
Spatial Distribution
50% Power Angle: 120°
v
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com