Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSAWBCR4 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSAWBCR4
Description  White PLCC4 Surface Mount LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSAWBCR4 Datasheet(HTML) 2 Page - TT Electronics.

  OVSAWBCR4 Datasheet HTML 1Page - TT Electronics. OVSAWBCR4 Datasheet HTML 2Page - TT Electronics. OVSAWBCR4 Datasheet HTML 3Page - TT Electronics. OVSAWBCR4 Datasheet HTML 4Page - TT Electronics. OVSAWBCR4 Datasheet HTML 5Page - TT Electronics. OVSAWBCR4 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue C
08/2012
Page 2 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics T
A = 25
o C
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
1800
2850
mcd
IF = 30 mA
VF
Forward Voltage
2.9
3.4
4.0
V
IF = 30 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
2 Θ½
50% Power Angle
----
120
----
deg
IF = 30 mA
x
Chromaticity Coordinates
----
0.32
----
----
IF = 30 mA
y
----
0.33
----
----
IF = 30 mA
3550
Absolute Maximum Ratings T
A = 25
o C
Storage Temperature Range
-40 ~ + 100°C
Operating Temperature Range
-40 ~ + 100°C
Soldering Temperature (5 second maximum)
260°C
Forward Current
50mA
Peak Forward Current (10% Duty Cycle, 1 KHz)
300 mA
Reverse Voltage
5 V
Electro Discharge Classification (JEDEC-JESD22-A114F)
Class 2
Power Dissipation
200 mW
LED Junction Temperature
125°C
Moisture Sensitivity Level (IPC/JEDEC J-STD-020C)
2a / 672 Hrs
White PLCC4 Surface Mount LED
OVSAWBCR4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com