Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSAWBCR4 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVSAWBCR4
Description  White PLCC4 Surface Mount LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSAWBCR4 Datasheet(HTML) 3 Page - TT Electronics.

  OVSAWBCR4 Datasheet HTML 1Page - TT Electronics. OVSAWBCR4 Datasheet HTML 2Page - TT Electronics. OVSAWBCR4 Datasheet HTML 3Page - TT Electronics. OVSAWBCR4 Datasheet HTML 4Page - TT Electronics. OVSAWBCR4 Datasheet HTML 5Page - TT Electronics. OVSAWBCR4 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue C 05/2012
Page 3 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Standard Bins (I
F = 30 mA)
LEDs are sorted to luminous intensity (IV) and chromaticity coordinates (x, y) bins shown. Each reel consists of a
single intensity bin and a single color bin. Orders are filled with all of the intensity bins or color bins listed in the fol-
lowing tables. Optek will not accept orders for single intensity bins or single color bins.
IV
Luminous Intensity
Code
Min (mcd)
Max (mcd)
X1
1800
2240
X2
2240
2850
Y1
2850
3550
Rank
A1
A2
A3
A4
Cx
0.2775
0.2900
0.2900
0.2775
0.2775
0.2900
0.2900
0.2775
0.2900
0.3025
0.3025
0.2900
0.2900
0.3025
0.3025
0.2900
Cy
0.2732
0.2939
0.3114
0.2907
0.2557
0.2764
0.2939
0.2732
0.2939
0.3146
0.3321
0.3114
0.2764
0.2971
0.3146
0.2939
Rank
C1
C2
C3
C4
Cx
0.3025
0.3150
0.3150
0.3025
0.3025
0.3150
0.3150
0.3025
0.3150
0.3275
0.3275
0.3150
0.3150
0.3275
0.3275
0.3150
Cy
0.3146
0.3354
0.3529
0.3321
0.2971
0.3179
0.3354
0.3146
0.3354
0.3561
0.3736
0.3529
0.3179
0.3386
0.3561
0.3354
Rank
E1
E2
E3
E4
Cx
0.3275
0.3400
0.3400
0.3275
0.3275
0.3400
0.3400
0.3275
0.3400
0.3525
0.3525
0.3400
0.3400
0.3525
0.3525
0.3400
Cy
0.3561
0.3768
0.3943
0.3736
0.3386
0.3593
0.3768
0.3561
0.3768
0.3975
0.4150
0.3943
0.3593
0.3800
0.3975
0.3768
Chromaticity Coordinates (x, y)
White PLCC4 Surface Mount LED
OVSAWBCR4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com