Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPW7CR8 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSPW7CR8
Description  1-Watt SMD White LED Lamp (7mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPW7CR8 Datasheet(HTML) 1 Page - TT Electronics.

  OVSPW7CR8 Datasheet HTML 1Page - TT Electronics. OVSPW7CR8 Datasheet HTML 2Page - TT Electronics. OVSPW7CR8 Datasheet HTML 3Page - TT Electronics. OVSPW7CR8 Datasheet HTML 4Page - TT Electronics. OVSPW7CR8 Datasheet HTML 5Page - TT Electronics. OVSPW7CR8 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 1.0
0505
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt SMD White LED Lamp
(7mm)
OVSPW7CR8
x
High luminous flux output for illumination
x
Exposed pad design for excellent heat transfer
x
Designed for high current operation
x
Reflow soldering applicable
The OVSPW7CR8 is designed to handle high current and heat and emits sufficient light for a variety of lighting
and illumination applications. Small size and high power allow for compact and cost-effective lighting solutions.
Fast turn-on time and greater visibility in poor weather increase safety in automotive applications.
Applications
x
Automotive: Back-up Lamps, Map and Dome Lights, Door Lights
x
Camera Phone Flash
x
Flashlights, Portable Task Lights, Diving Lights
x
Backlighting LCD Displays: Televisions and Computer Monitors
x
Entertainment: Studios, Theaters, Nightclubs, Restaurants
x
Accent Lighting: Wall Wash, Landscape, Spotlight
x
Bicycle and Pedestrian Safety Lights
Product Photo Here
Part Number
Material
Emitted Color
Flux Typ. lm
OVSPW7CR8
InGaN
White
23
Lens Color
Water Clear
Data is subject to change without prior notice.
1 ANODE
2 HEAT SINK
3 CATHODE
RoHS


Similar Part No. - OVSPW7CR8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSPW1BCR4 TTELEC-OVSPW1BCR4 Datasheet
1Mb / 9P
Robust energy-efficient design with long operating life
OVSPW1BCR4 TTELEC-OVSPW1BCR4 Datasheet
897Kb / 7P
Robust energy-efficient design with long operating life
OVSPW1BCR4 TTELEC-OVSPW1BCR4 Datasheet
1Mb / 9P
Low thermal resistance
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
1-Watt SMD 6x6mm With Dome Lens
logo
OPTEK Technologies
OVSPWBCR4 OPTEK-OVSPWBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
More results

Similar Description - OVSPW7CR8

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
WHITE LAMP LED
logo
OPTEK Technologies
OVSPBCCR8 OPTEK-OVSPBCCR8 Datasheet
599Kb / 4P
1-Watt SMD Blue LED Lamp
logo
Vishay Siliconix
VLMW71ACAE-GS08 VISHAY-VLMW71ACAE-GS08 Datasheet
191Kb / 9P
Little Star® 1 Watt Power SMD LED Warm White
26-Mar-08
VLMW711ADAF-GS08 VISHAY-VLMW711ADAF-GS08 Datasheet
191Kb / 9P
Little Star® 1 Watt Power SMD LED White
20-Mar-08
logo
Seoul Semiconductor
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
WHITE LAMP LED
logo
TT Electronics.
OVSPAAC5R8 TTELEC-OVSPAAC5R8 Datasheet
726Kb / 5P
1-Watt SMD Amber LED Lamp (7mm)
OVSPBCCR8 TTELEC-OVSPBCCR8 Datasheet
736Kb / 5P
1-Watt SMD Blue LED Lamp (7mm)
OVSPGCCR8 TTELEC-OVSPGCCR8 Datasheet
732Kb / 5P
1-Watt SMD Green LED Lamp (7mm)
OVSPRAC5R8 TTELEC-OVSPRAC5R8 Datasheet
733Kb / 5P
1-Watt SMD Red LED Lamp (7mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com