Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPW7CR8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSPW7CR8
Description  1-Watt SMD White LED Lamp (7mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPW7CR8 Datasheet(HTML) 2 Page - TT Electronics.

  OVSPW7CR8 Datasheet HTML 1Page - TT Electronics. OVSPW7CR8 Datasheet HTML 2Page - TT Electronics. OVSPW7CR8 Datasheet HTML 3Page - TT Electronics. OVSPW7CR8 Datasheet HTML 4Page - TT Electronics. OVSPW7CR8 Datasheet HTML 5Page - TT Electronics. OVSPW7CR8 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Issue 1.0
0505
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt SMD White LED Lamp (7mm)
OVSPW7CR8
Absolute Maximum Ratings
TA = 25o C (on metal core PCB1) unless otherwise noted
Storage Temperature Range
-20 ~ +85 °C
Operating Temperature Range
-20 ~ +85 °C
Reverse Voltage
5 V
Continuous Forward Current
350 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
500 mA
Power Dissipation
1.26 W
Junction Temperature
+125°C
Junction-to-case2
15°C/W
Notes:
1.
Metal core PCB defined as good heat transmission substrate (thickness of 2.0mm Al-based PCB 20x20mm, JC <15°C/W)
2.
Rth test condition: mounted on 2.0mm Al-based PCB 20x20mm
Electrical Characteristics
TA = 25o C (on metal core PCB1) unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
lumen
Luminous Flux
15
23
----
lm
IF = 350mA
VF
Forward Voltage
----
3.6
4.0
V
IF = 350mA
IR
Reverse Current
----
----
10
µA
VR = 5V
2 ½
50% Power Angle
----
70
----
deg
IF = 350mA
x
Chromaticity Coordinates
----
0.3
----
----
IF = 350mA
y
----
0.3
----
----
IF = 350mA
Note:
1.
Metal core PCB defined as good heat transmission substrate (thickness of 2.0mm Al-based PCB 20x20mm, JC <15°C/W)
Important Notes:
1.All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.Pb content <1000PPM.
3.To designate luminous intensity ranks, please contact OPTEK.
Rank
A1
A2
Chromaticity
Coordinates
x
0.245 0.264 0.280 0.264 0.264 0.283 0.296 0.280 0.283 0.307 0.313 0.296
y
0.229 0.267 0.248 0.220 0.267 0.305 0.276 0.248 0.305 0.337 0.297 0.276
B1
Rank
B2
C
Chromaticity
Coordinates
x
0.307 0.330 0.330 0.313 0.330 0.361 0.356 0.330 0.361 0.400 0.382 0.354
y
0.337 0.360 0.318 0.297 0.360 0.385 0.351 0.318 0.390 0.425 0.358 0.341
D
Standard Bins (IF = 350mA)
Lamps are sorted to luminous flux ( V) and chromaticity coordinates (X,Y) bins shown.
Orders for OVSPW7CR8 may be filled with any or all bins contained as below.
Luminous Intensity is at
H bin or above.
A1
A2
B1
B2
D
31
R
27
P
23
M
19
K
15
H
C
Chromaticity Coordinates (X,Y)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com