Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LGAB Datasheet(PDF) 1 Page - TT Electronics.

Part # OVTL09LGAB
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LGAB Datasheet(HTML) 1 Page - TT Electronics.

  OVTL09LGAB Datasheet HTML 1Page - TT Electronics. OVTL09LGAB Datasheet HTML 2Page - TT Electronics. OVTL09LGAB Datasheet HTML 3Page - TT Electronics. OVTL09LGAB Datasheet HTML 4Page - TT Electronics. OVTL09LGAB Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue A.5 08/06
Page 1 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
10-Watt Lednium SMD
(120°Viewing Angle)
OVTL09LGAx Series
x
Revolutionary 3-dimensional packaged LED source
x
Robust energy-efficient design with long operating life
x
Low thermal resistance
x
Exceptional spatial uniformity
x
Available in amber, blue, green, red, white and multi-colored
The OVTL09LGAx Series surface mount provides a 10-Watt energy-efficient 3-dimensional packaged LED
source that offers high luminance (up to 330 lumens), low thermal resistance and a long operating lifespan.
Devices offer a 120°viewing angle and are available in amber, blue, green, red, white and multi-colored. Optional
optics are offered to suit application. Please contact OPTEK for additional information.
Applications
x
Automotive exterior and interior lighting
x
Architectural lighting
x
Electronic signs and signals
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
Flux Characteristics (IF = 1.05 A, TJ = 25°C)
Part Number
Viewing
Angle
Emitted Color
Typical Luminous
Flux (lm)
Lens Color
OVTL09LGAA
120°
Amber
330
Water Clear
OVTL09LGAB
120°
Blue
60
Water Clear
OVTL09LGAG
120°
Green
290
Water Clear
OVTL09LGAR
120°
Red
247
Water Clear
OVTL09LGAW
120°
White
250
Water Clear
Typical On-Axis
Intensity (cd)
67
19
100
75
70
OVTL09LGAM
120°
Red/Green/Blue
221
68
Water Clear


Similar Part No. - OVTL09LGAB

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
10-Watt Lednium SMD Series
1/16
More results

Similar Description - OVTL09LGAB

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
10-Watt Lednium SMD Series
1/16
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVSR9GBCR8 OPTEK-OVSR9GBCR8 Datasheet
2Mb / 4P
Green Side-Emitting SMD LED(4 x 4 mm, 120째 Viewing Angle)
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
White Side-Emitting SMD LED (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com