Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LGAB Datasheet(PDF) 2 Page - TT Electronics.

Part # OVTL09LGAB
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LGAB Datasheet(HTML) 2 Page - TT Electronics.

  OVTL09LGAB Datasheet HTML 1Page - TT Electronics. OVTL09LGAB Datasheet HTML 2Page - TT Electronics. OVTL09LGAB Datasheet HTML 3Page - TT Electronics. OVTL09LGAB Datasheet HTML 4Page - TT Electronics. OVTL09LGAB Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue A.5 08/06
Page 2 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
10-Watt Lednium SMD
OVTL09LGx Series
Absolute Maximum Ratings
Electrical Characteristics (IF = 1.05 A, TJ = 25°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage (Amber)
6.3
7.0
7.9
V
Forward Voltage (Blue)
9.5
10.2
11.2
V
Forward Voltage (Green)
10.3
11.0
11.9
V
Forward Voltage (Red)
6.3
7.0
7.9
V
Forward Voltage (White)
9.5
10.2
11.2
V
VF Temperature Co-efficient (Amber, Red)
----
-6.0
----
mV/°C
VF Temperature Co-efficient (White, Blue)
----
-4.8
----
mV/°C
VF Temperature Co-efficient (Green)
----
-5.0
----
mV/°C
2 ½
50% Power Angle
----
120
----
deg
Forward Voltage (Red/Green/Blue)
9.0
9.7
10.7
V
DC Forward Current
1.05 A
Peak Pulsed Forward Current1
3 A
Reverse Voltage
15 V
Maximum Allowable Junction Temperature2
130°C
Storage and Operating Temperature
-50°~ +85 °C
Notes:
1. Pulse width 1 ms maximum, duty cycle 1/16.
2. Thermal resistance junction to board (TJB) is 5°C/W.
Optical Characteristics (IF = 1.05 A, TJ = 25°C, 2 ½ = 120°)
COLOR
DOMINANT WAVELENGTH
SPECTRAL FULL-WIDTH-
HALF-MAXIMUM
MIN
TYP
MAX
Amber
590
595
600
16 nm
0.08 nm/°C
Blue
457
460
463
24 nm
0.05 nm/°C
Green
520
525
530
40 nm
0.04 nm/°C
Red
620
625
630
18 nm
0.05 nm/°C
White
N/A
N/A
N/A
N/A
N/A
DOMINANT WAVELENGTH
TEMPERATURE DEPENDENCE
WHEN MOUNTED ON:
FR4
PC BOARD
IMS
ANOTHERM
PLATE
ANOTHERM
EXTRUSION
ACTIVE
HEATSINK
USE SAFE OPERATING CURRENT OF:
200 mA
500 mA
700 mA
800 mA
1000 mA
Critical Thermal Conditions (To maintain junction temperature (TJ) at 85°C)
NOTE: Refer to OPTEK Application Note #228 on thermal management (www.optekinc.com/pdf/AppNote228.pdf).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com