Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXI859 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXI859
Description  Gate Driver with VReg and Charge Pump Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXI859 Datasheet(HTML) 3 Page - IXYS Corporation

  IXI859 Datasheet HTML 1Page - IXYS Corporation IXI859 Datasheet HTML 2Page - IXYS Corporation IXI859 Datasheet HTML 3Page - IXYS Corporation IXI859 Datasheet HTML 4Page - IXYS Corporation IXI859 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IXYS
www.ixys.com
3
4/29/05
IXI858 / IXI859
Operating Range
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
UVLO
+17
V
ISUP
Continuous Current in VSUP Pin
0
150
mA
IPEAK
Peak Current in VSUP Pin (tP <1µS, f<150kHz)
-750
+750
mA
Electrical Characteristics
TA=25°C, VCC=13V unless otherwise specified
Symbol
Parameter
Condition
Min
Typ
Max
Units
Supply (VCC)
ICC
Supply Current
VIN<1V, no load any pin
0.7
1.0
mA
ICC2
Supply Current
1nF GATE load, 300kHz IN
signal
5
mA
ISTBY
Standby Current
Undervoltage Detected
160
µA
VCLAMP
Clamp Voltage
ICC <5mA
17
V
Input (IN)
VTON
Turn-on Threshold
Voltage
1.95
V
VTOFF
Turn-off Threshold
Voltage
1.15
V
VH
Hysteresis
0.5
V
IINL
Input Current Low
20
µA
IINH
Input Current High
100
µA
Voltage Regulator (VOUT)
IXI859
IOUT = 10mA
3.20
3.30
3.40
V
VOUT
Voltage Reference
IXI858
IOUT = 10mA
4.85
5
5.15
V
RegLOAD
Load Regulation
IOUT change from 10mA to 25mA
50
mV
VOUT = 1V, IXI859
75
IPEAK
Peak Output Current
VOUT = 1V, IXI858
100
mA
dVOUT
Temp Coefficient
IOUT = 10mA
250
ppm/°C
COUT
Allowed Capacitive
Load
IOUT = 10mA
0.2
2.2
µF
ILEAK
Leakage current in
UVLO state
VOUT = 1V
10
µA
TSTARTUP
Startup Time (VOUT >
3.1V)
COUT = 1uF
0.1
mS
TSETTLE
Settling Time
COUT = 1 uF
2
mS
Charge Pump Regulator
VCPRON
Turn-on Level
Measured at VCC
13.15
V
VCPROFF
Turn-off Level
Measured at VCC
12.85
V
VCPRHYS
Hysteresis
0.30
V
VCPRFWD
Forward Voltage
IFWD = 150mA (VSUP to VCAP)
1.5
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com