Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXI859 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXI859
Description  Gate Driver with VReg and Charge Pump Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXI859 Datasheet(HTML) 4 Page - IXYS Corporation

  IXI859 Datasheet HTML 1Page - IXYS Corporation IXI859 Datasheet HTML 2Page - IXYS Corporation IXI859 Datasheet HTML 3Page - IXYS Corporation IXI859 Datasheet HTML 4Page - IXYS Corporation IXI859 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS
www.ixys.com
4
4/29/05
IXI858 / IXI859
Electrical Characteristics
TA=25°C, VCC=13V unless otherwise specified
Symbol
Parameter
Condition
Min
Typ
Max
Units
Gate Output (GATE)
VOL
Output Low Voltage
IGATE = 10mA
0.5
V
VOH
Output High Voltage
IGATE = -10mA
11
V
ISINK
Output Sink Current
VGATE = 6V
120
mA
ISRC
Output Source
Current
VGATE = 3V
60
mA
VOL2
Output Low Voltage
in UVLO state
VCC = 6V, IGATE = 1mA
0.8
V
tMINPW
Minimum Output
Pulse Width
CGATE = 10pF
80
nS
tPD
IN to GATE
propagation delay
CGATE = 10pF
200
nS
Under Voltage Lockout (VCC)
UVLOH
UVLO Top
Threshold Voltage
VCC Rising
14.1
V
UVLOL
UVLO Bottom
Threshold Voltage
VCC Falling
8.2
V
VHYS
UVLO Hysteresis
5.9
V
Typical Application Circuit
+
-
5
6
7
8
1
2
4
VCC
VOUT
IN
GATE
GND
VSUP
VCAP
75k
13V
Vclamp
ChrgPReg
Vreg
UVLO
µC
1uF
220nF
10uF
HV DC IN
HV DC OUT
DC Supply
IXI858 / IXI859
R1
L1
R2
C1
C2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com