Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA134 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA134
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA134 Datasheet(HTML) 1 Page - IXYS Corporation

  PLA134 Datasheet HTML 1Page - IXYS Corporation PLA134 Datasheet HTML 2Page - IXYS Corporation PLA134 Datasheet HTML 3Page - IXYS Corporation PLA134 Datasheet HTML 4Page - IXYS Corporation PLA134 Datasheet HTML 5Page - IXYS Corporation PLA134 Datasheet HTML 6Page - IXYS Corporation PLA134 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA134-R05
1
PLA134
Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Applications
Features
Description
Ordering Information
Parameter
Rating
Units
Blocking Voltage
100
V
P
Load Current
350
mA
rms / mADC
On-Resistance (max)
3
Pin Configuration
Part Number
Description
PLA134
6-Pin DIP (50/Tube)
PLA134S
6-Pin Surface Mount (50/Tube)
PLA134STR
6-Pin Surface Mount (1,000/Reel)
Switching Characteristics of
Normally Open Devices
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Small 6-Pin Package
• Surface Mount Tape & Reel Version Available
• Flammability Classification Rating of V-0
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
Approvals
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
N/C
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
+ Load
– Load
DC Only Configuration
N/C
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
The PLA134 is a single-pole, normally open
(1-Form-A) Solid State Relay that uses optically
coupled MOSFET technology to provide 3750V
rms
of input-to-output isolation. With its combination of
low on-resistance and high load current handling,
the PLA134 is suitable for a variety of industrial
applications.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Because Solid State Relays have no moving parts,
they can offer faster, bounce-free switching in a more
compact surface mount or though hole package than
traditional electromechanical relays.


Similar Part No. - PLA134

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA134 CLARE-PLA134 Datasheet
95Kb / 6P
Single Pole OptoMOS Relays
PLA134S CLARE-PLA134S Datasheet
95Kb / 6P
Single Pole OptoMOS Relays
PLA134STR CLARE-PLA134STR Datasheet
95Kb / 6P
Single Pole OptoMOS Relays
More results

Similar Description - PLA134

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com