Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA134 Datasheet(PDF) 4 Page - IXYS Corporation

Part # PLA134
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA134 Datasheet(HTML) 4 Page - IXYS Corporation

  PLA134 Datasheet HTML 1Page - IXYS Corporation PLA134 Datasheet HTML 2Page - IXYS Corporation PLA134 Datasheet HTML 3Page - IXYS Corporation PLA134 Datasheet HTML 4Page - IXYS Corporation PLA134 Datasheet HTML 5Page - IXYS Corporation PLA134 Datasheet HTML 6Page - IXYS Corporation PLA134 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R05
PLA134
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
-40
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=200mADC)
Temperature (ºC)
-40
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0
-20
0
20
40
60
80
100
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=200mADC)
Temperature (ºC)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
I
F=5mA Instantaneous
I
F=5mA
I
F=10mA
Typical On-Resistance vs. Temperature
AC/DC Configuration
(I
L=350mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=200mADC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=200mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical On-Resistance vs. Temperature
DC-Only Configuration
(I
L=350mADC)
I
F=10mA
I
F=5mA
Load Voltage (V)
400
300
200
100
0
-100
-200
-300
-400
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
Typical Load Current vs. Load Voltage
(I
F=5mA)
600
500
400
300
200
100
0
-40
-20
0
20
40
60
80
120
100
Maximum Load Current
vs. Temperature
AC/DC Configuration
Temperature (ºC)
I
F=10mA
I
F=5mA
900
800
700
600
500
400
300
200
100
0
Maximum Load Current
vs. Temperature
DC Configuration
-40
-20
0
20
40
60
80
120
100
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
175
150
125
100
75
50
25
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
-40
0.018
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 4&6
Temperature (ºC)
Time
2.4
2.0
1.6
1.2
0.8
0.4
0
10 s
1ms
100ms
10s
100 s
10ms
1s
100s
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com