Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485ERCDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST485ERCDR
Description  5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ERCDR Datasheet(HTML) 1 Page - STMicroelectronics

  ST485ERCDR Datasheet HTML 1Page - STMicroelectronics ST485ERCDR Datasheet HTML 2Page - STMicroelectronics ST485ERCDR Datasheet HTML 3Page - STMicroelectronics ST485ERCDR Datasheet HTML 4Page - STMicroelectronics ST485ERCDR Datasheet HTML 5Page - STMicroelectronics ST485ERCDR Datasheet HTML 6Page - STMicroelectronics ST485ERCDR Datasheet HTML 7Page - STMicroelectronics ST485ERCDR Datasheet HTML 8Page - STMicroelectronics ST485ERCDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
September 2003
s
LOW QUIESCENT CURRENT: 300
µA
s
DESIGNED FOR RS-485 INTERFACE
APPLICATIONS
s
-7V TO 12V COMMON MODE INPUT
VOLTAGE RANGE
s
DRIVER MAINTAINS HIGH IMPEDANCE IN
3-STATE ORWITHTHE POWER OFF
s
70mV TYPICAL INPUT HYSTERESIS
s
30ns PROPAGATION DELAYS, 5ns SKEW
s
OPERATE FROM A SINGLE 5V SUPPLY
s
CURRENT LIMITING AND THERMAL
SHUTDOWN FOR DRIVER OVERLOAD
PROTECTION
s
ESD PROTECTION:
±15KV (H.B.M.)
±8KV (IEC-1000-4-2 CONTACT
DISCHARGE)
s
ALLOWS UP TO 256 TRANSCEIVERS ON
THE BUS
DESCRIPTION
The ST485E is al low power transceiver for
RS-485 and RS-422 communication. Each driver
output and receiver input is protected against
±15KV electrostatic discharge (H.B.M.) ±8KV
(IEC-1000-4-2 contact discharge) shocks, without
latchup. These parts contain one driver and one
receiver.
This transceiver draws 300
µA (typ.) of supply
current when unloaded or fully loaded with
disabled drivers.
It operates from a single 5V supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that places the driver
outputs into a high-impedance state.
The ST485E is designed for bi-directional data
communications on multipoint bus transmission
line (half-duplex applciations).
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST485ERCN
0 to 70 °C
DIP-8
50parts per tube / 40tube per box
ST485ERBN
-40 to 85 °C
DIP-8
50parts per tube / 40tube per box
ST485ERXN
-55 to 150 °C
DIP-8
50parts per tube / 40tube per box
ST485ERCD
0 to 70 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST485ERBD
-40 to 85 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST485ERXD
-55 to 150 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST485ERCDR
0 to 70 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST485ERBDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST485ERXDR
-55 to 150 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST485ER
±15KV ESD PROTECTED, LOW POWER
RS-485/RS-422 TRANSCEIVER
DIP
SOP


Similar Part No. - ST485ERCDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485ERBDR STMICROELECTRONICS-ST485ERBDR Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485ERBN STMICROELECTRONICS-ST485ERBN Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
More results

Similar Description - ST485ERCDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
April 21, 2005
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com