Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5932EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD5932EBZ
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5932EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD5932EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5932
Rev. C | Page 3 of 28
GENERAL DESCRIPTION
(continued from Page 1)
To program the AD5932, the user enters the start frequency, the
increment step size, the number of increments to be made, and
the time interval that the part outputs each frequency. The fre-
quency scan profile is initiated, started, and executed by toggling
the CTRL pin.
The AD5932 is written to via a 3-wire serial interface that operates
at clock rates up to 40 MHz. The device operates with a power
supply from 2.3 V to 5.5 V.
Note that the AVDD and DVDD are independent of each other
and can be operated from different voltages. The AD5932 also
has a standby function that allows sections of the device that are
not in use to be powered down.
The AD5932 is available in a 16-lead, Pb-free TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com