Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5932EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD5932EBZ
Description  Programmable Frequency Scan Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5932EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD5932EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5932EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD5932
Rev. C | Page 13 of 28
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
25M
VWB 300
RWB 1K
ST 200 SEC
FREQUENCY (Hz)
Figure 26. fMCLK = 50 MHz, fOUT = 1.2 MHz,
Frequency Word = 0624DD
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
25M
VWB 300
RWB 1K
ST 200 SEC
FREQUENCY (Hz)
Figure 27. fMCLK = 50 MHz, fOUT = 4.8 MHz,
Frequency Word = 189374
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
25M
VWB 300
RWB 1K
ST 200 SEC
FREQUENCY (Hz)
Figure 28. fMCLK = 50 MHz, fOUT = 7.143 MHz = fMCLK/7,
Frequency Word = 249249
0
–10
–20
–30
–50
–60
–40
–70
–80
–90
–100
0
25M
VWB 300
RWB 1K
ST 200 SEC
FREQUENCY (Hz)
Figure 29. fMCLK = 50 MHz, fOUT = 16.667 MHz = fMCLK/3,
Frequency Word = 555555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com