Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9913
Description  CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9913 Datasheet HTML 2Page - Analog Devices AD9913 Datasheet HTML 3Page - Analog Devices AD9913 Datasheet HTML 4Page - Analog Devices AD9913 Datasheet HTML 5Page - Analog Devices AD9913 Datasheet HTML 6Page - Analog Devices AD9913 Datasheet HTML 7Page - Analog Devices AD9913 Datasheet HTML 8Page - Analog Devices AD9913 Datasheet HTML 9Page - Analog Devices AD9913 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9913
Data Sheet
Rev. C | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PS2/ADR5/D5
NOTES
1. EXPOSED PAD SHOULD BE SOLDERED TO GROUND.
PS1/ADR4/D4
PS0/ADR3/D3
DVDD
DGND
ADR2/D2
ADR1/D1
ADR0/D0
RSET
AGND
AVDD
AGND
IOUT
IOUT
AGND
AVDD
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AD9913
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
PS2/ADR5/D5
I/O
Multipurpose pin: Profile Select Pin (PS2) in Direct Switch Mode, Parallel Port Address Line (ADR5), and
Data Line (D5) to program registers.
2
PS1/ADR4/D4
I/O
Multipurpose pin: Profile Select Pin (PS1) in Direct Switch Mode or Linear Sweeping Mode, Parallel Port
Address Line (ADR4), and Data Line (D4) to program registers.
3
PS0/ADR3/D3
I/O
Multipurpose pin: Profile Select Pin (PS0) in Direct Switch Mode or Linear Sweeping Mode, Parallel Port
Address Line (ADR3), and Data Line (D3) to program registers.
4
DVDD
I
Digital Power Supply (1.8 V).
5
DGND
I
Digital Ground.
6
ADR2/D2
I/O
Parallel Port Address Line 2 and Data Line 2.
7
ADR1/D1
I/O
Parallel Port Address Line 1and Data Line 1.
8
ADR0/D0
I/O
Parallel Port Address Line 0 and Data Line 0.
9
SYNC_CLK
O
Clock Out. The profile pins [PS0:PS2] and the IO_UPDATE pin (Pin 27) should be set up to the rising
edge of this signal to maintain constant pipe line delay through the device.
10
SER/PAR
I
Serial Port and Parallel Port Selection. Logic low = serial mode; logic high = parallel mode.
11, 15,
18, 21,
23
AGND
I
Analog Ground.
12, 16,
17, 22
AVDD
I
Analog Power Supply (1.8 V).
13
REF_CLK
I
Reference Clock Input. See the REF_CLK Overview section for more details.
14
REF_CLK
I
Complementary Reference Clock Input. See the REF_CLK Overview section for more details.
19
IOUT
O
Open Source DAC Complementary Output Source. Current mode. Connect through 50 Ω to AGND.
20
IOUT
O
Open Source DAC Output Source. Current mode. Connect through 50 Ω to AGND.
24
RSET
I
Analog Reference. This pin programs the DAC output full-scale reference current. Attach a 4.64 kΩ
resistor to AGND.
25
MASTER_RESET
I
Master Reset, Digital Input (Active High). This pin clears all memory elements and reprograms registers
to default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com