Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9913
Description  CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9913 Datasheet HTML 4Page - Analog Devices AD9913 Datasheet HTML 5Page - Analog Devices AD9913 Datasheet HTML 6Page - Analog Devices AD9913 Datasheet HTML 7Page - Analog Devices AD9913 Datasheet HTML 8Page - Analog Devices AD9913 Datasheet HTML 9Page - Analog Devices AD9913 Datasheet HTML 10Page - Analog Devices AD9913 Datasheet HTML 11Page - Analog Devices AD9913 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9913
Data Sheet
Rev. C | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0
0
204060
80
100
120
FREQUENCY (MHz)
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
Figure 4. Wideband SFDR @ 99.76 MHz fOUT
(250 MHz Clock, 4 mA DAC Full-Scale Current, PLL Bypassed)
0
0
204060
80
100
120
FREQUENCY (MHz)
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
Figure 5. Wideband SFDR @ 25.14 MHz fOUT
(250 MHz Clock, 4 mA DAC Full-Scale Current, PLL Bypassed)
–50
–90
00.45
fOUT (% of System Clock)
–55
–60
–65
–70
–75
–80
–85
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
1.7V
1.8V
1.9V
Figure 6. SFDR vs. Supply Variation
(250 MHz Clock, 4 mA DAC Full-Scale Current, PLL Bypassed)
0
−120
99.758381
99.783381
FREQUENCY (MHz)
−20
−40
−60
−80
−100
99.763381
99.768381
99.773381
99.778381
Figure 7. Narrow-Band SFDR @ 99.76 MHz fOUT
(250 MHz Clock, 4 mA DAC Full-Scale Current, PLL Bypassed)
0
−120
FREQUENCY (MHz)
−20
−40
−60
−80
−100
25.124918
25.174918
25.134918
25.144918
25.154918
25.164918
25.129918
25.139918
25.149918
25.159918
25.169918
Figure 8. Narrow-Band SFDR @ 25.14 MHz fOUT
(250 MHz Clock, 4 mA DAC Full-Scale Current, PLL Bypassed)
–50
–90
00.45
fOUT (% of System Clock)
–55
–60
–65
–70
–75
–80
–85
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
–40°C
+25°C
+85ºC
Figure 9. SFDR vs. Temperature
(250 MHz Clock, 4 mA DAC Full-Scale Current, PLL Bypassed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com