Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH180P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLRH180P
Description  Panel Circuit Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH180P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLRH180P Datasheet HTML 1Page - Toshiba Semiconductor TLRH180P Datasheet HTML 2Page - Toshiba Semiconductor TLRH180P Datasheet HTML 3Page - Toshiba Semiconductor TLRH180P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLRH180P
2002-09-25
1
TOSHIBA LED Lamp InGaAℓP Red Light Emission
TLRH180P
Panel Circuit Indicator
· 5mm diameter (T1−3 / 4)
· InGaAℓP red LED
· All plastic mold type.
· Colorless clear lens
· Low drive current, high intensity red light emission
Recommended forward current: IF = 1~20mA (DC)
· All plastic molded lens, provides an excellent on−off contrast ratio.
· Fast response time, capable of pulse operation.
· High power luminous intensity
· Without stand−offs
· Applications: Suitable for outdoor message signboard, safety
equipment.
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current (DC)
IF
50
mA
Reverse voltage
VR
4
V
Power dissipation
PD
125
mW
Operating temperature range
Topr
-30~85
°C
Storage temperature range
Tstg
-40~120
°C
Electrical And Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
―
1.9
2.5
V
Reverse current
IR
VR = 4 V
―
―
50
mA
TLRH180P
1530
5000
―
Luminous
intensity
TLRH180P(UV)
IV
IF = 20 mA
(Note)
2720
―
12900
mcd
Peak emission wavelength
λp
IF = 20 mA
―
644
―
nm
Spectral line half width
∆λ
IF = 20 mA
―
18
―
nm
Dominant wavelength
λd
IF = 20 mA
―
630
―
nm
(Note): Lamps are classified into the following ranks according to their luminous intensity.
Measurement tolerance for each limit is ±15%.
T: 1800
-3600mcd, U: 3200-6400mcd, V: 5600-11200mcd.
Unit in mm
JEDEC
―
EIAJ
―
TOSHIBA
4−6J1
Weight: 0.31g


Similar Part No. - TLRH180P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRH180P MARKTECH-TLRH180P Datasheet
284Kb / 6P
Toshiba TLxH180 Series LEDs
More results

Similar Description - TLRH180P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com