Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH310 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH310
Description  400A High-Speed Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH310 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH310 Datasheet HTML 8Page - STMicroelectronics TSH310 Datasheet HTML 9Page - STMicroelectronics TSH310 Datasheet HTML 10Page - STMicroelectronics TSH310 Datasheet HTML 11Page - STMicroelectronics TSH310 Datasheet HTML 12Page - STMicroelectronics TSH310 Datasheet HTML 13Page - STMicroelectronics TSH310 Datasheet HTML 14Page - STMicroelectronics TSH310 Datasheet HTML 15Page - STMicroelectronics TSH310 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TSH310
Noise Measurements
12/19
5 Noise Measurements
The noise model is shown in Figure 28, where:
l eN: input voltage noise of the amplifier
l iNn: negative input current noise of the amplifier
l iNp: positive input current noise of the amplifier
The thermal noise of a resistance R is:
where
∆F is the specified bandwidth.
On a 1Hz bandwidth the thermal noise is reduced to
where k is the Boltzmann's constant, equal to 1,374.10-23J/°K. T is the temperature (°K).
The output noise eNo is calculated using the Superposition Theorem. However eNo is not the simple sum
of all noise sources, but rather the square root of the sum of the square of each noise source, as shown
in Equation 1:
Equation 1
Equation 2
Figure 28: Noise model
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
eN
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
eN
4kTR
∆F
4kTR
eNo
V 1
2
V2
2
V3
2
V4
2
V5
2
V6
2
+
+++
+
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
R 2
R 1
-------
2
4kTR14kTR21
R2
R1
-------
+
2
4kTR3
×
++
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com