Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH310 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSH310
Description  400A High-Speed Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH310 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSH310 Datasheet HTML 11Page - STMicroelectronics TSH310 Datasheet HTML 12Page - STMicroelectronics TSH310 Datasheet HTML 13Page - STMicroelectronics TSH310 Datasheet HTML 14Page - STMicroelectronics TSH310 Datasheet HTML 15Page - STMicroelectronics TSH310 Datasheet HTML 16Page - STMicroelectronics TSH310 Datasheet HTML 17Page - STMicroelectronics TSH310 Datasheet HTML 18Page - STMicroelectronics TSH310 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TSH310
Active Filtering
16/19
8 Active Filtering
From the resistors Rfb and RG we can directly calculate the gain of the filter in a classical non-inverting
amplification configuration:
We assume the following expression as the response of the system:
The cut-off frequency is not gain-dependent and so becomes:
The damping factor is calculated by the following expression:
The higher the gain, the more sensitive the damping factor is. When the gain is higher than 1, it is
preferable to use some very stable resistor and capacitor values. In the case of R1=R2=R:
Due to a limited selection of values of capacitors in comparison with resistors, we can fix C1=C2=C, so
that:
Figure 31: Low-pass active filtering, Sallen-Key
+
_
RG
IN
Rfb
1k
Ω
OUT
R1
R2
C2
C1
+
_
RG
IN
Rfb
1k
Ω
OUT
R1
R2
C2
C1
A
V
g1
R
fb
R
g
----------
+
==
T
j
ω
Vout
j
ω
Vin
j
ω
-------------------
g
12
ζ
j
ω
ω
c
-------
j
ω
()
2
ω
c
2
--------------
++
---------------------------------------------
==
ω
c
1
R1 R2C1C2
--------------------------------------
=
ζ
1
2
---
ω
c
C
1
R
1
C
1
R
2
C
2
R
1
C
1
R
1
g
–
++
()
=
ζ
2C2 C1
R
fb
R
g
----------
–
2C
1
C
2
------------------------------------
=
ζ
2R2 R1
R
fb
R
g
----------
–
2R
1
R
2
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com