Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH330 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH330
Description  1.1 GHz Low-Noise Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH330 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH330 Datasheet HTML 1Page - STMicroelectronics TSH330 Datasheet HTML 2Page - STMicroelectronics TSH330 Datasheet HTML 3Page - STMicroelectronics TSH330 Datasheet HTML 4Page - STMicroelectronics TSH330 Datasheet HTML 5Page - STMicroelectronics TSH330 Datasheet HTML 6Page - STMicroelectronics TSH330 Datasheet HTML 7Page - STMicroelectronics TSH330 Datasheet HTML 8Page - STMicroelectronics TSH330 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Electrical Characteristics
TSH330
3/19
2 Electrical Characteristics
Table 3.
Electrical characteristics for VCC= ±2.5Volts, Tamb=+25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC performance
Vio
Input Offset Voltage
Offset Voltage between both inputs
Tamb
-3.1
0.18
+3.1
mV
Tmin. < Tamb < Tmax.
0.8
∆V
io
Vio drift vs. Temperature
Tmin. < Tamb < Tmax.
1.6
µV/°C
Iib+
Non Inverting Input Bias Current
DC current necessary to bias the input +
Tamb
26
55
µA
Tmin. < Tamb < Tmax.
21
Iib-
Inverting Input Bias Current
DC current necessary to bias the input -
Tamb
722
µA
Tmin. < Tamb < Tmax.
13
CMR
Common Mode Rejection Ratio
20 log
(
∆V
ic/∆Vio)
∆V
ic = ±1V
50
54
dB
Tmin. < Tamb < Tmax.
54
SVR
Supply Voltage Rejection Ratio
20 log
(
∆V
cc/∆Vout)
∆V
cc= 3.5V to 5V
63
74
dB
Tmin. < Tamb < Tmax.
67
PSR
Power Supply Rejection Ratio
20 log
(
∆V
cc/∆Vout)
∆V
cc=200mVp-p@1kHz
56
dB
Tmin. < Tamb < Tmax.
52
ICC
Supply Current
DC consumption with no input signal
No load
16.6
20.2
mA
Tmin. < Tamb < Tmax.
16.6
mA
Dynamic performance and output characteristics
ROL
Transimpedance
Output Voltage/Input Current Gain in
open loop of a CFA.
For a VFA, the analog of this feature is
the Open Loop Gain (AVD)
∆V
out= ±1V, RL = 100Ω
104
153
k
Ω
Tmin. < Tamb < Tmax.
152
k
Ω
Bw
-3dB Bandwidth
Frequency where the gain is 3dB below
the DC gain AV
Note:
Gain Bandwidth Product criterion is
not applicable for Current-Feedback-
Amplifiers
Vout=20mVp-p, RL = 100
Ω
AV = +1
AV = +2
AV = -4
AV = -4, Tmin. < Tamb < Tmax.
550
1500
1100
630
600
MHz
Gain Flatness @ 0.1dB
Band of frequency where the gain varia-
tion does not exceed 0.1dB
Small Signal Vout=20mVp-p
AV = +2, RL = 100Ω
160
SR
Slew Rate
Maximum output speed of sweep in
large signal
Vout = 2Vp-p, AV = +2,
RL = 100Ω
1800
V/
µs
VOH
High Level Output Voltage
RL = 100Ω
1.5
1.64
V
Tmin. < Tamb < Tmax.
1.54
VOL
Low Level Output Voltage
RL = 100Ω
-1.55
-1.5
V
Tmin. < Tamb < Tmax.
-1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com