Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH330 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH330
Description  1.1 GHz Low-Noise Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH330 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH330 Datasheet HTML 1Page - STMicroelectronics TSH330 Datasheet HTML 2Page - STMicroelectronics TSH330 Datasheet HTML 3Page - STMicroelectronics TSH330 Datasheet HTML 4Page - STMicroelectronics TSH330 Datasheet HTML 5Page - STMicroelectronics TSH330 Datasheet HTML 6Page - STMicroelectronics TSH330 Datasheet HTML 7Page - STMicroelectronics TSH330 Datasheet HTML 8Page - STMicroelectronics TSH330 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TSH330
Electrical Characteristics
4/19
Iout
Isink
Short-circuit Output current coming in
the op-amp.
See fig-17 for more details
Output to GND
360
453
mA
Tmin. < Tamb < Tmax.
427
Isource
Output current coming out from the op-
amp.
See fig-18 for more details
Output to GND
-340
-400
Tmin. < Tamb < Tmax.
-350
Noise and distortion
eN
Equivalent Input Noise Voltage
see application note on page 13
F = 100kHz
1.3
nV/
√Hz
iN
Equivalent Input Noise Current (+)
see application note on page 13
F = 100kHz
22
pA/
√Hz
Equivalent Input Noise Current (-)
see application note on page 13
F = 100kHz
16
pA/
√Hz
SFDR
Spurious Free Dynamic Range
The highest harmonic of the output
spectrum when injecting a filtered sine
wave
AV = +2, Vout = 2Vp-p,
RL = 100Ω
F = 10MHz
F = 20MHz
F = 100MHz
F = 150MHz
-78
-73
-48
-37
dBc
Table 4.
Closed-loop gain and feedback components
VCC (V)
Gain
Rfb (Ω)
-3dB Bw (MHz)
0.1dB Bw (MHz)
±2.5
+10
200
280
50
-10
200
270
45
+2
300
1000
160
-2
270
530
180
+1
300
1500
38
-1
260
600
280
Table 3.
Electrical characteristics for VCC= ±2.5Volts, Tamb=+25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com