Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB190 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLB190
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLB190 Datasheet(HTML) 1 Page - IXYS Corporation

  PLB190 Datasheet HTML 1Page - IXYS Corporation PLB190 Datasheet HTML 2Page - IXYS Corporation PLB190 Datasheet HTML 3Page - IXYS Corporation PLB190 Datasheet HTML 4Page - IXYS Corporation PLB190 Datasheet HTML 5Page - IXYS Corporation PLB190 Datasheet HTML 6Page - IXYS Corporation PLB190 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLB190-R03
1
PLB190
Single-Pole, Normally Closed
OptoMOS® Relay
e3
Pb
Applications
Features
Description
Ordering Information
Parameter
Rating
Units
Blocking Voltage
400
V
P
Load Current
130
mA
rms / mADC
On-Resistance (max)
25
Pin Configuration
Part Number
Description
PLB190
6-Pin DIP (50/Tube)
PLB190S
6-Pin Surface Mount (50/Tube)
PLB190STR
6-Pin Surface Mount (1,000/Reel)
Switching Characteristics of
Normally Closed Devices
The PLB190 is a single-pole, normally closed
(1-Form-B) solid state relay that uses optically
coupled relay technology to provide an enhanced
5000V
rms isolation barrier between the input and
output of the relay.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
• 5000V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Dial Pulsing
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security Systems
• Aerospace
• Industrial Controls
Approvals
1
3
2
4
5
6
+ Control
- Control
NC
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
- Control
NC
+ Load
- Load
DC-Only Configuration
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004


Similar Part No. - PLB190

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PLB1-012 ALTECH-PLB1-012 Datasheet
440Kb / 1P
30 mm Metal Pilot Light PLBx-yyy
PLB1-024 ALTECH-PLB1-024 Datasheet
440Kb / 1P
30 mm Metal Pilot Light PLBx-yyy
PLB1-048 ALTECH-PLB1-048 Datasheet
440Kb / 1P
30 mm Metal Pilot Light PLBx-yyy
PLB1-110 ALTECH-PLB1-110 Datasheet
440Kb / 1P
30 mm Metal Pilot Light PLBx-yyy
PLB1-230 ALTECH-PLB1-230 Datasheet
440Kb / 1P
30 mm Metal Pilot Light PLBx-yyy
More results

Similar Description - PLB190

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB111 IXYS-LCB111 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710 IXYS-LCB710 Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
Single-Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
Single-Pole Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
Single Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com