Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB190 Datasheet(PDF) 4 Page - IXYS Corporation

Part # PLB190
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLB190 Datasheet(HTML) 4 Page - IXYS Corporation

  PLB190 Datasheet HTML 1Page - IXYS Corporation PLB190 Datasheet HTML 2Page - IXYS Corporation PLB190 Datasheet HTML 3Page - IXYS Corporation PLB190 Datasheet HTML 4Page - IXYS Corporation PLB190 Datasheet HTML 5Page - IXYS Corporation PLB190 Datasheet HTML 6Page - IXYS Corporation PLB190 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
PLB190
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
Temperature (ºC)
-40
-20
0
20
40
60
80
100
12
13
14
15
16
17
18
19
20
On-Resistance vs. Temperature
AC/DC Configuration
(I
F=0mA, IL=75mA)
Load Voltage (V)
-2.0
-1.5 -1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
Typical Load Current vs. Load Voltage
AC/DC Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.09
0.10
0.11
0.12
0.13
0.14
Maximum Load Current
vs. Temperature - AC/DC Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
On-Resistance vs. Temperature
DC-Only Configuration
(I
F=0mA, IL=100mA)
Load Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
Typical Load Current vs. Load Voltage
DC-Only Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
Maximum Load Current
vs. Temperature - DC Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
440
445
450
455
460
465
470
475
480
Typical Blocking Voltage
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
Typical Leakage vs. Temperature
Measured Across Pins 4&6
(I
F=5mA, VL=400V)
Load Voltage (V)
0
50
100
150
200
0
20
40
60
80
100
120
140
Output Capacitance
vs. Load Voltage
(I
F=5mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.2
0.4
0.6
0.8
1.0
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com