Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA192STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA192STR
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA192STR Datasheet(HTML) 1 Page - IXYS Corporation

  PLA192STR Datasheet HTML 1Page - IXYS Corporation PLA192STR Datasheet HTML 2Page - IXYS Corporation PLA192STR Datasheet HTML 3Page - IXYS Corporation PLA192STR Datasheet HTML 4Page - IXYS Corporation PLA192STR Datasheet HTML 5Page - IXYS Corporation PLA192STR Datasheet HTML 6Page - IXYS Corporation PLA192STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA192-R07
1
PLA192
Single Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PLA192E
6-Pin DIP (50/Tube)
PLA192ES
6-Pin Surface Mount (50/Tube)
PLA192ESTR
6-Pin Surface Mount (1000/Reel)
PLA192
6-Pin DIP (50/Tube)
PLA192S
6-Pin Surface Mount (50/Tube)
PLA192STR
6-Pin Surface Mount (1000/Reel)
Parameters
Ratings
Units
Blocking Voltage
600
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
22
LED Current to Operate
5
mA
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment: Patient/Equipment Isolation
• Aerospace
• Industrial Controls
Switching Characteristics of
Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 12 11 82667 002
• DIN EN 60747-5-5 Certified ("E" Suffix Only)
VDE Certificate 40036603
1
3
2
4
5
6
+ Control
- Control
Do Not Use
+ Load
- Load
DC Only Configuration
1
3
2
4
5
6
+ Control
- Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
• PLA192E is 100% Tested for Partial Discharge:
DIN EN 60747-5-5
• 5000V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
IXYS Integrated Circuits Division's PLA192 is a
single-pole, normally open (1-Form-A) solid state
relay that provides 5000V
rms of input to output
isolation.
In addition to all the features and benefits of the
PLA192, the PLA192E meets the partial discharge
demands of DIN EN 60747-5-5 (previously VDE
0884).
All versions of the PLA192 can be used to replace
mechanical relays, while offering the superior
reliability associated with semiconductor devices.
Optically coupled outputs that use the patented
OptoMOS architecture are controlled by a highly
efficient GaAIAs infrared LED. Because they have
no moving parts, they offer bounce-free switching in
more compact surface mount or thru-hole packages.


Similar Part No. - PLA192STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA192STR CLARE-PLA192STR Datasheet
483Kb / 5P
Single Pole OptoMOS Relays
More results

Similar Description - PLA192STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA134 IXYS-PLA134 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com