Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA192STR Datasheet(PDF) 4 Page - IXYS Corporation

Part # PLA192STR
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA192STR Datasheet(HTML) 4 Page - IXYS Corporation

  PLA192STR Datasheet HTML 1Page - IXYS Corporation PLA192STR Datasheet HTML 2Page - IXYS Corporation PLA192STR Datasheet HTML 3Page - IXYS Corporation PLA192STR Datasheet HTML 4Page - IXYS Corporation PLA192STR Datasheet HTML 5Page - IXYS Corporation PLA192STR Datasheet HTML 6Page - IXYS Corporation PLA192STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R07
PLA192
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA (@ 25ºC Unless Otherwise Noted)*
Temperature (ºC)
-40
-20
0
20
40
60
80
100
8
10
12
14
16
18
Typical AC/DC On-Resistance
vs. Temperature
(I
F=5mA, IL=150mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1
2
3
4
5
6
7
Typical DC-Only On-Resistance
vs. Temperature
(I
F=5mA, IL=220mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
50
100
150
200
250
Maximum Load Current
vs. Temperature
(I
F=5mA)
AC/DC Configuration
DC-Only Configuration
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
770
760
750
740
730
720
710
700
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured across Pins 4&6
(V
L=600V)
Temperature º(C)
-40
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Load Voltage (V)
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
160
180
Output Capacitance
vs. Load Voltage
(I
F=0mA, f=1MHz)
Energy Rating Curve
(I
F=5mA)
Time
10 s
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100 s
100ms
1s
10ms
10s
100s
Temperature (ºC)
-40
-20
0
20
40
60
80
100
200
250
300
350
400
450
500
Typical Turn-Off Time
vs. Temperature
(I
L=100mA)
I
F=10mA
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
500
1000
1500
2000
2500
3000
3500
4000
4500
Typical Turn-On Time
vs. Temperature
(I
L=100mA)
I
F=10mA
I
F=2mA
I
F=5mA
Voltage (V)
0123
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
Typical Load Current vs. Load Voltage
AC/DC Configuration
(I
F=5mA)
-3
-2
-1
Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
Typical Load Current vs. Load Voltage
DC-Only Configuration
(I
F=5mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com