Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6538GV Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6538GV
Description  100V, Three-Phase, BLDC Motor Pre-Driver with Hall Signal Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6538GV Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6538GV Datasheet HTML 6Page - Monolithic Power Systems MP6538GV Datasheet HTML 7Page - Monolithic Power Systems MP6538GV Datasheet HTML 8Page - Monolithic Power Systems MP6538GV Datasheet HTML 9Page - Monolithic Power Systems MP6538GV Datasheet HTML 10Page - Monolithic Power Systems MP6538GV Datasheet HTML 11Page - Monolithic Power Systems MP6538GV Datasheet HTML 12Page - Monolithic Power Systems MP6538GV Datasheet HTML 13Page - Monolithic Power Systems MP6538GV Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP6538 – 100V, THREE-PHASE, BLDC MOTOR PRE-DRIVER WITH HALL SIGNAL INTERFACE
MP6538 Rev. 1.01
www.MonolithicPower.com
10
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
BLOCK DIAGRAM
VIN
RSENSE
SHA
GND
Fault
Handling
Timing and
Control
Logic
DIR
PWM
DT
nSLEEP
VREG
GHA
GLA
HA
nBRAKE
HC
HB
HS Gate
Drive
LS Gate
Drive
Phase A,
repeat for
B&C
LSS
REF
UVLO
Comparator
nFAULT
RDT
BSTA
VREG
TSD
OCREF
VDS
Comparator
CSO
VDS
Sense
RCSO
VDD
LDO
Regulator
VIN
LDO
VIN
VDD
VIN
Charge
Pump
CCSO
3.5V
19R
R
6V
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com