Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6538GV Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6538GV
Description  100V, Three-Phase, BLDC Motor Pre-Driver with Hall Signal Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6538GV Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6538GV Datasheet HTML 6Page - Monolithic Power Systems MP6538GV Datasheet HTML 7Page - Monolithic Power Systems MP6538GV Datasheet HTML 8Page - Monolithic Power Systems MP6538GV Datasheet HTML 9Page - Monolithic Power Systems MP6538GV Datasheet HTML 10Page - Monolithic Power Systems MP6538GV Datasheet HTML 11Page - Monolithic Power Systems MP6538GV Datasheet HTML 12Page - Monolithic Power Systems MP6538GV Datasheet HTML 13Page - Monolithic Power Systems MP6538GV Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP6538 – 100V, THREE-PHASE, BLDC MOTOR PRE-DRIVER WITH HALL SIGNAL INTERFACE
MP6538 Rev. 1.01
www.MonolithicPower.com
11
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP6538 is a three-phase, BLDC motor
pre-driver that can drive three half-bridges with
a 0.8A source and 1A sink current capability.
The MP6538 supports operation up to 100V.
The MP6538 features a low-power sleep mode,
which disables the device and draws very low
supply current.
The MP6538 provides several flexible functions,
such as adjustable dead-time control and over-
current protection (OCP), which allow the
device to cover a wide range of applications.
Power-Up Sequence
The power-up sequence is initiated by the
application of voltage to VIN and the voltage
present on VREG. Usually, VREG is supplied
by the internal LDO regulator connected to VIN,
but it is also possible to drive VREG from
another power source.
To initiate a power-up, VIN must be above
~4.5V, and VREG must be above the VREG
under-voltage lockout (UVLO) threshold of 7.4V.
If VREG is supplied by the internal LDO
regulator, this means that VIN must be at about
8V before the part starts to power up. After
VREG exceeds the VREG UVLO threshold, the
MP6538 sequentially turns on each low-side
MOSFET (LS-FET) in succession to charge the
bootstrap capacitors.
The power-up process takes between 1ms and
2ms, after which the MP6538 responds to logic
inputs and drives the outputs.
Input Logic
Driving nSLEEP low puts the device into a low-
power sleep state. In this state, all internal
circuits are disabled. All inputs are ignored
when nSLEEP is active low. When waking up
from sleep mode, approximately 1ms of time
must
pass
before
issuing
a
pulse-width
modulation (PWM) command to allow the
internal circuitry time to stabilize.
The commutation logic is determined by three
Hall-element inputs spaced at 120°. The PWM,
DIR, and nBRAKE inputs are used to control
motor speed, position, and torque (see Table 1).
Table 1: Input Logic Truth Table
PWM
nBRAKE
Mode of Operation
0
1
PWM chop mode, the load
current decays
0
0
Brake mode
– all low-side
gates on
1
1
Selected drivers on
1
0
Brake mode
– all low-side
gates on
Refer to Table 2 for the commutation table with
nBRAKE = 1. If nBRAKE = 0, the braking
function is active, and all low-side gates are on.
nFAULT
nFAULT reports to the system when a fault
condition
occurs,
such
as
over-current
protection
(OCP)
or
over-temperature
protection (OTP). nFAULT is an open-drain
output type and is driven low when a fault
condition occurs. If the fault condition is
released, nFAULT is pulled up to a high level by
an external pull-up resistor.
Current-Sense Amplifier
An integrated current-sense amplifier amplifies
the voltage on LSS (relative to GND) by a factor
of 20. This voltage is output to CSO.
The
current-sense
amplifier
only
sources
current. An external capacitor of 1nF (minimum)
must be connected from CSO to ground for
stability.
During the PWM on time, current flowing
through
the
output
MOSFETs
also
flows
through the shared low-side current sense
resistor, generating a voltage that is amplified
by the current sense amplifier, which charges
the external capacitor on CSO. During the
PWM off time, current recirculates through the
LS-FETs, and does not pass through the sense
resistor, so there is zero voltage across it.
During this time, the capacitor discharges
through
the
internal
feedback
resistor
(approximately 450k
Ω) and also through any
external resistor to ground. Select an external
resistor and capacitor to provide a filter to hold
the value of the current through the PWM off
time. Any external resistor used should be 1k
Ω
or larger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com