Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6539GF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6539GF
Description  100V, Three-Phase, BLDC Motor Pre-Driver with HS & LS Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6539GF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6539GF Datasheet HTML 1Page - Monolithic Power Systems MP6539GF Datasheet HTML 2Page - Monolithic Power Systems MP6539GF Datasheet HTML 3Page - Monolithic Power Systems MP6539GF Datasheet HTML 4Page - Monolithic Power Systems MP6539GF Datasheet HTML 5Page - Monolithic Power Systems MP6539GF Datasheet HTML 6Page - Monolithic Power Systems MP6539GF Datasheet HTML 7Page - Monolithic Power Systems MP6539GF Datasheet HTML 8Page - Monolithic Power Systems MP6539GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP6539 – 100V, THREE PHASE BLDC MOTOR PRE-DRIVER WITH HS & LS INPUTS
MP6539 Rev. 1.01
www.MonolithicPower.com
4
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 48V, VREG = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
8
100
V
LDO output voltage
VLDO
ILDO ≤ 5mA, VIN > 15V
10.8
12
13.2
V
Gate driver supply voltage
VREG
8.5
14
V
Quiescent current
I
Q
nSLEEP = 1, not switching
0.7
mA
I
SLEEP
nSLEEP = 0
1
µA
Control Logic
Input logic low threshold
VIL
0.8
V
Input logic high threshold
VIH
2
V
Logic input current
IIN(H)
VIH = 0.8V
-2.4
2.4
µA
IIN(L)
VIL = 5V
-14
14
µA
nSLEEP pull-down resistance
RSLEEP-PD
450
k
Ω
Internal pull down resistance
R
PD
450
k
Ω
Fault Output (Open-Drain Output)
Output low voltage
VOL
IO = 5mA
0.1
V
Output high leakage current
IOH
VO = 3.3V
1
µA
Protection Circuit
VREG UVLO rising threshold
V
REG_RUVLO
6.5
7.5
8.5
V
VREG UVLO falling threshold
V
REG_FUVLO
6
6.8
7.6
V
VREG UVLO hysteresis
V
REG_HYS
610
mV
VIN UVLO rising threshold
V
VIN_RUVLO
3.6
4
4.4
V
VIN UVLO falling threshold
V
VIN_FUVLO
3.4
3.8
4.3
V
VIN UVLO hysteresis
V
VIN_HYS
100
mV
VBST UVLO threshold
V
BST_UVLO
Voltage between SHx and BSTx
4
V
OCREF threshold
VOC
VOC = 1V
0.8
1
1.2
V
VOC = 2.4V
2.18
2.4
2.62
V
OCP deglitch time
tOC
2.7
µs
Sleep wake-up time
tSLEEP
2
ms
Thermal shutdown
TTSD
(5)
175
°C
Thermal shutdown hysteresis
TTSD_HYS
(5)
20
°C
Gate Drive
Bootstrap diode forward
voltage
VFBOOT
ID = 10mA
1.2
V
ID = 50mA
2.3
V
Maximum source current
DSO
(5)
0.8
A
Maximum sink current
DSI
(5)
1
A
Gate drive pull-up resistance
RUP
VDS = 1V
7
Ω
HS gate drive pull-down
resistance
RHS-DN
VDS = 1V
0.6
4.5
Ω
LS gate drive pull-down
resistance
RLS-DN
VDS = 1V
0.6
4.5
Ω
LS automatic turn-on time
tLS
4.6
µs
Dead time
tDEAD
RDT = 10kΩ
560
ns
RDT = 100kΩ
4.5
µs
DT tied to GND
77
ns
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com