Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6539GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6539GF
Description  100V, Three-Phase, BLDC Motor Pre-Driver with HS & LS Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6539GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6539GF Datasheet HTML 1Page - Monolithic Power Systems MP6539GF Datasheet HTML 2Page - Monolithic Power Systems MP6539GF Datasheet HTML 3Page - Monolithic Power Systems MP6539GF Datasheet HTML 4Page - Monolithic Power Systems MP6539GF Datasheet HTML 5Page - Monolithic Power Systems MP6539GF Datasheet HTML 6Page - Monolithic Power Systems MP6539GF Datasheet HTML 7Page - Monolithic Power Systems MP6539GF Datasheet HTML 8Page - Monolithic Power Systems MP6539GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP6539
100V, Three-Phase, BLDC Motor
Pre-Driver with HS & LS Inputs
MP6539 Rev. 1.01
www.MonolithicPower.com
1
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP6539 is a gate driver IC designed for
three-phase,
brushless
DC
motor
driver
applications. The MP6539 is capable of driving
three half-bridges consisting of six N-channel
power MOSFETs up to 100V.
The MP6539 uses a bootstrap capacitor to
generate a supply voltage for the high-side
MOSFET driver. An internal charge pump
maintains the high-side gate driver if the output
is held high for an extended period of time.
Full protection features include programmable
over-current protection (OCP), adjustable dead-
time control, under-voltage lockout (UVLO), and
thermal shutdown.
The
MP6539
is
available
in
TSSOP-28
(9.7mmx6.4mm)
and
QFN-28
(4mmx5mm)
packages with an exposed thermal pad.
FEATURES
 Supports 100V Operation
 120V V
BST Maximum Voltage
 Internal LDO Supports External NPN for
High-Current Drive Requirements
 Integrated Current-Sense Amplifier
 Low-Power Sleep Mode for Battery-
Powered Applications
 Programmable Over-Current Protection
(OCP) for External MOSFETs
 Adjustable Dead-Time Control to Prevent
Shoot-Through
 Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
 Fault Indication Output
 Available in Thermally Enhanced Surface-
Mounted TSSOP and QFN Packages
APPLICATIONS
 Three-Phase Brushless DC Motors and
Permanent Magnet Synchronous Motors
 Power Drills
 E-Bikes
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
LSS
LSA
LSB
LSC
OCREF
nFAULT
VIN
MP6539
Exposed GND
PAD
HSA
HSB
HSC
GLA
GHA
SHA
Phase A
(repeat for B and C)
To Phase B
To Phase C
GND
BSTA
VDD
nSLEEP
VIN
LDO
DT
CSO


Similar Part No. - MP6539GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6530 MPS-MP6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6530 MPS-MP6530 Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF MPS-MP6530GF Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF-P MPS-MP6530GF-P Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF-Z MPS-MP6530GF-Z Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
More results

Similar Description - MP6539GF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10964 TI1-DRV10964 Datasheet
2Mb / 27P
Three-Phase Sinusoidal Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
12-V, Three-Phase, Sensorless BLDC Motor Driver
logo
Monolithic Power System...
MP6537 MPS-MP6537 Datasheet
640Kb / 14P
100V, Three-Phase, BLDC Motor Pre-Driver with PWM & Enable Inputs
MP6538 MPS-MP6538 Datasheet
747Kb / 14P
100V, Three-Phase, BLDC Motor Pre-Driver with Hall Signal Interface
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com