Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS117PL Datasheet(PDF) 2 Page - IXYS Corporation

Part # TS117PL
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TS117PL Datasheet(HTML) 2 Page - IXYS Corporation

  TS117PL Datasheet HTML 1Page - IXYS Corporation TS117PL Datasheet HTML 2Page - IXYS Corporation TS117PL Datasheet HTML 3Page - IXYS Corporation TS117PL Datasheet HTML 4Page - IXYS Corporation TS117PL Datasheet HTML 5Page - IXYS Corporation TS117PL Datasheet HTML 6Page - IXYS Corporation TS117PL Datasheet HTML 7Page - IXYS Corporation TS117PL Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R06
TS117L
Absolute Maximum Ratings @ 25ºC
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Input Power Dissipation 1
150
mW
Input Control Current, Relay
50
mA
Peak (10ms)
1
A
Reverse Input Voltage
5
V
Input Control Current, Detector
100
mA
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Electrical Characteristics @25ºC: Relay Section
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
-
I
L
-
-
120
mA
rms / mADC
Load Current Limit
-
I
CL
130
170
210
mA
On-Resistance
I
L=120mA
R
ON
-30
35
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
3
ms
Turn-Off
t
off
--
3
ms
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-25
-
pF
Input Characteristics
Input Control Current to Activate
I
L=120mA
I
F
--
2
mA
Input Control Current to Deactivate
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Blocking Voltage
I
C=10ABVCEO
20
50
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
50
500
nA
Saturation Voltage
I
C=2mA, IF=16mA
V
SAT
-
0.3
0.5
V
Current Transfer Ratio
I
F=6mA, VCE=0.5V
CTR
33
100
-
%
Input Characteristics
Input Control Current
I
C=2mA, VCE=0.5V
I
F
-2
6
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Current (Detector Must be Off)
I
C=1A, VCE=5V
I
F
525
-
A
Isolation, Input to Output
-
V
I/O
3750
-
-
V
rms
Electrical Characteristics @25ºC: Detector Section



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com