Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS117PL Datasheet(PDF) 5 Page - IXYS Corporation

Part # TS117PL
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TS117PL Datasheet(HTML) 5 Page - IXYS Corporation

  TS117PL Datasheet HTML 1Page - IXYS Corporation TS117PL Datasheet HTML 2Page - IXYS Corporation TS117PL Datasheet HTML 3Page - IXYS Corporation TS117PL Datasheet HTML 4Page - IXYS Corporation TS117PL Datasheet HTML 5Page - IXYS Corporation TS117PL Datasheet HTML 6Page - IXYS Corporation TS117PL Datasheet HTML 7Page - IXYS Corporation TS117PL Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
TS117L
www.ixysic.com
5
R06
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
DETECTOR PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical Normalized CTR
vs. Forward Current
(V
CE=0.5V)
Forward Current (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
Typical Normalized CTR
vs. Temperature
(V
CE=0.5V)
Temperature (ºC)
-40
8
7
6
5
4
3
2
1
0
-20
0
20
40
60
80
120
100
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=15mA
I
F=20mA
Typical Collector Current
vs. Forward Current
(V
CE=0.5V)
Forward Current (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com