Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSES18 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MCSES18
Description  Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCSES18 Datasheet(HTML) 1 Page - Schurter Inc.

  MCSES18 Datasheet HTML 1Page - Schurter Inc. MCSES18 Datasheet HTML 2Page - Schurter Inc. MCSES18 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Metal Line Switches
MCS ES 18
https://www.schurter.com /PG70
Switches
Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
MCS ES 18
See below:
Approvals and Compliances
Description
- Vandal-proof momentary switch with a diameter of 18 mm
- Assembly by mounting with nut
- Clip for Pins
Characteristics
- Housing and actuator material: high-quality stainless steel
- Rugged design, protection against vandalism
- For use in harsh environments, both indoors and outdoors (see techni-
cal data)
Weblinks
html-datasheet, General Product Information, CAD-Drawings, Product
News, Detailed request for product
Technical Data
Electrical Data
Contact Material Silver
Switching Voltage
min. 3 VAC/VDC
␣
max. 36 VDC␣/ 220 VAC
Switching Current
min. 5 mA AC/DC
␣
max. 2 A DC␣/ 0.5 A AC
Rated Switching Capacity
72 W (DC) , 110 W (AC)
Lifetime
200'000 actuations (36 VDC)
␣
50'000 actuations (220 VAC)
Contact Resistance
< 50 m
Ω
Insulation Resistance
> 1'000 M
Ω
Duration of Bounce
< 10 ms
Mechanical Data
Actuating Force
4 N
Actuating Travel
1.8 mm,
Lifetime
1 million actuations
Shock Protection
IK 09
Tightening Torque
0.8 Nm
Climatical Data
Operating Temperature
-20 to +55 °C
Storage Temperature
-20 to +55 °C
IP-Protection
IP 65 from front side, ,
Material
Contact Material
Ag
Housings
Stainless Steel
Actuator unlettered
Stainless Steel
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
EN 50102
Switches for appliances. Part 1. General requirements
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technology equipment.
Compliances
The product complies with following Guide Lines


Similar Part No. - MCSES18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCSES18 SCHURTER-MCSES18_V02 Datasheet
379Kb / 3P
Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
05.01.2022
More results

Similar Description - MCSES18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMCS16 SCHURTER-MSMCS16 Datasheet
578Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM30 SCHURTER-MSM30 Datasheet
911Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM22 SCHURTER-MSM22 Datasheet
942Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM19 SCHURTER-MSM19 Datasheet
914Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM16 SCHURTER-MSM16 Datasheet
648Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MCSES18 SCHURTER-MCSES18_V02 Datasheet
379Kb / 3P
Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
05.01.2022
MSM19 SCHURTER-MSM19_V02 Datasheet
912Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
08.07.2021
MSM22 SCHURTER-MSM22_V02 Datasheet
1Mb / 10P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
MSM30 SCHURTER-MSM30_V03 Datasheet
1Mb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
MSMCS16 SCHURTER-MSMCS16_V02 Datasheet
560Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com