Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSES18 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MCSES18
Description  Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCSES18 Datasheet(HTML) 2 Page - Schurter Inc.

  MCSES18 Datasheet HTML 1Page - Schurter Inc. MCSES18 Datasheet HTML 2Page - Schurter Inc. MCSES18 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Metal Line Switches
MCS ES 18
https://www.schurter.com /PG70
Switches
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
MCS ES 18
max.
24
Ø
2.5
2
max. 6 mm
Ø
14.9
Dimension
MCS ES 18
18+0.2
0
Drilling diagram
Diagrams
MCS ES 18
All Variants
Switching Current Switching Voltage Contact Material
Shock Protection
Torsion Protection IP Protection Class Front Side Config. Code
Order Number
[A]
[VAC/ VDC]
2 A DC
36 VDC
Ag
IK 09
no
IP 65
MCS ES 18
1301.9560
█
Nut with gasket are enclosed in the box.
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com